Electronic Components Datasheet Search
  English  ▼

X  

DAC8801 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC8801
Description  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8801 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8801 Datasheet HTML 16Page - Texas Instruments DAC8801 Datasheet HTML 17Page - Texas Instruments DAC8801 Datasheet HTML 18Page - Texas Instruments DAC8801 Datasheet HTML 19Page - Texas Instruments DAC8801 Datasheet HTML 20Page - Texas Instruments DAC8801 Datasheet HTML 21Page - Texas Instruments DAC8801 Datasheet HTML 22Page - Texas Instruments DAC8801 Datasheet HTML 23Page - Texas Instruments DAC8801 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.37
0.25
1.75 0.1
2X
1.95
1.5 0.1
6X 0.65
1 MAX
8X
0.5
0.3
0.05
0.00
(0.65)
A
3.1
2.9
B
3.1
2.9
(DIM A) TYP
4X (0.23)
VSON - 1 mm max height
DRB0008A
PLASTIC SMALL OUTLINE - NO LEAD
4218875/A 01/2018
DIM A
OPT 1
OPT 2
(0.1)
(0.2)
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com