Electronic Components Datasheet Search
  English  ▼

X  

DAC8801 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC8801
Description  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8801 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8801 Datasheet HTML 8Page - Texas Instruments DAC8801 Datasheet HTML 9Page - Texas Instruments DAC8801 Datasheet HTML 10Page - Texas Instruments DAC8801 Datasheet HTML 11Page - Texas Instruments DAC8801 Datasheet HTML 12Page - Texas Instruments DAC8801 Datasheet HTML 13Page - Texas Instruments DAC8801 Datasheet HTML 14Page - Texas Instruments DAC8801 Datasheet HTML 15Page - Texas Instruments DAC8801 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
Z
O
+
R1 R3(R1 ) R2)
R1(R2 ) R3 ) * R1 (R2 ) R3)
(4)
Cross-Reference
DAC8801
SLAS403B – NOVEMBER 2004 – REVISED FEBRUARY 2007
APPLICATION INFORMATION (continued)
The value of R3 in the previous equation can be reduced to increase the output current drive of U3. U3 can
drive ±20 mA in both directions with voltage compliance limited up to 15 V by the U3 voltage supply. Elimination
of the circuit compensation capacitor C1 in the circuit is not suggested because of the change in the output
impedance ZO, according to Equation 4:
As shown in Equation 4, with matched resistors, ZO is infinite and the circuit is optimum for use as a current
source. However, if unmatched resistors are used, ZO is positive or negative with negative output impedance
being a potential cause of oscillation. Therefore, by incorporating C1 into the circuit, possible oscillation
problems are eliminated. The value of C1 can be determined for critical applications; however, for most
applications a value of several pF is suggested.
The DAC8801 has an industry-standard pinout. Table 2 provides the cross-reference information.
Table 2. Cross Reference
SPECIFIED
INL
DNL
TEMPERATURE
PACKAGE
PACKAGE
CROSS
PRODUCT
(LSB)
(LSB)
RANGE
DESCIPTION
OPTION
REFERENCE
DAC8801IDGK
±1
±1
-40
°C to +85°C
8-Lead MicroSOIC
MSOP-8
ADS5553CRM
DAC8801IDRB
±1
±1
-40
°C to +85°C
8-Lead Small Outline
SON-8
N/A
Table 3. DAC8801 Revision History
Revision
Date
Description
A
12/04
Removed the "Product Preview" label.
Added information to the Features.
Added Output leakage current Data = 0000h, TA = TMAX in the Electrical Characteristics table.
Added Input high voltage for 2.7 V and 5 V in the Electrical Characteristics table.
Changed the values of the Power Requirements and the AC characteristics in the Electrical Characteristics table.
B
10/06
Changed the ESD rating, HBM from 1500 to 4000 in the Absolute Maximum Ratings.
Revised Figure 8.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com