Electronic Components Datasheet Search
  English  ▼

X  

L9969S Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9969S
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969S Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9969S Datasheet HTML 48Page - STMicroelectronics L9969S Datasheet HTML 49Page - STMicroelectronics L9969S Datasheet HTML 50Page - STMicroelectronics L9969S Datasheet HTML 51Page - STMicroelectronics L9969S Datasheet HTML 52Page - STMicroelectronics L9969S Datasheet HTML 53Page - STMicroelectronics L9969S Datasheet HTML 54Page - STMicroelectronics L9969S Datasheet HTML 55Page - STMicroelectronics L9969S Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
Figure 30. SPI Timing diagrams
All parameters at VDD: 4.4 V to 5.6 V.
Battery supply VS is as specified in Section 2.6: Power Supply.
Test condition: 2 V bias, 1 MHz, 20 mV (peak to peak) magnitude.
Table 41. SPI parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pin SI, SCK
VSI_L
input low level
-
-0.3
-
0.8
V
VSI_H
input high level
-
2.0
-
VDD + 0.3
V
VSI_HYS input hysteresis
-
0.15
-
1.0
V
IpuSI
Pullup current
VSI = 0 V
20
40
60
µA
CSI
Input capacity
-
-
-
10
pF
Chip addressing bonding pad
VCA_L
input low level
-
-0.3
-
0.8
V
VCA_H
input high level
-
2.0
-
VDD + 0.3
V
IpuSCK
Pullup current
VSCK = 0 V
20
40
60
µA
CSCK
Input capacity
-
-
-
10
pF
Pin NSS
VSS_L
input low level
-
-0.3
-
0.8
V
VSS_H
input high level
-
2.0
-
VDD + 0.3
V
VSS_HYS input hysteresis
-
0.15
-
1.0
V
IpuSS
Pullup current
VNSSx=0V
20
40
60
µA
CSS
Input capacity
-
-
-
15
pF
L9969x
Functional description
DS14029 - Rev 6
page 52/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com