Electronic Components Datasheet Search
  English  ▼

X  

L9969S Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9969S
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969S Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9969S Datasheet HTML 55Page - STMicroelectronics L9969S Datasheet HTML 56Page - STMicroelectronics L9969S Datasheet HTML 57Page - STMicroelectronics L9969S Datasheet HTML 58Page - STMicroelectronics L9969S Datasheet HTML 59Page - STMicroelectronics L9969S Datasheet HTML 60Page - STMicroelectronics L9969S Datasheet HTML 61Page - STMicroelectronics L9969S Datasheet HTML 62Page - STMicroelectronics L9969S Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
6
Load dump pulse
Figure 33. Load dump pulse clamped
Note:
Maximum care should be given to power dissipation performance. See AN4867 for the guidelines.
Table 46. Load dump pulse parameters
Parameter
Value
Tolerance
Test condition
Remark
VB
14.0 V
-
Tamb: RT and 85 °C ±3 °C
UBAT, nominal
Vsp0
101 V
-
Unclamped
Vp
87.0 V
-
Pulse-peak
Vs1
40.0 V
-
Clamped
Ri≤
0.5 Ω
-
-
∆u/∆t
7.0 V/ms
-
Vp/tr
Tr
10 ms
-5 ms
-
Td
400 ms
-
Pulse duration
To
60 s
-
Pulse periode
N
15
-
Number of pulses
L9969x
Load dump pulse
DS14029 - Rev 6
page 59/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com