Electronic Components Datasheet Search
  English  ▼

X  

8420 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8420
Description  Cold Shrink EPDM Tubes Connector Insulators 8420 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8420 Datasheet(HTML) 2 Page - 3M Electronics

  8420 Datasheet HTML 1Page - 3M Electronics 8420 Datasheet HTML 2Page - 3M Electronics 8420 Datasheet HTML 3Page - 3M Electronics 8420 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Cold Shrink EPDM Tubes
Connector Insulators 8420 Series
Data Sheet
__________________________________________________________________________________
_________________________________________________________________________________________
Electrical Markets Division
3M United Kingdom PLC
3M Ireland Ltd
3M United Kingdom PLC
Sales Office
Sales Office
Head Office
PO Box 393
The Iveagh Building, The Park,
3M Centre, Cain Road
Bedford MK41 0YE
Carrickmines, Dublin 18, Ireland
Bracknell, Berkshire RG12 8HT
Telephone: 0870 609 4639
Telephone: (01) 800 812 732
Telephone: 01344 858 000
Fax: 01234 229 433
Fax: 353 1 280 3509
Fax: 01344 858 758
PST Selection Table
Min. diameter (mm)
Max. diameter (mm)
Length (mm)
8423-6
7.8
14.3
152
8425-8
10.2
20.8
203
8426-9
13.0
25.4
229
8426-11
13.0
25.4
279
8427-6
17.5
33.0
152
8427-12
17.5
33.0
305
8427-16
17.5
33.0
406
8428-6
24.0
49.3
152
8428-12
24.0
49.3
305
8428-18
24.0
49.3
457
8428-24
24.0
49.3
609
8429-4
32.2
67.8
100
8429-6
32.2
67.8
152
8429-9
32.2
67.8
229
8429-12
32.2
67.8
305
8429-18
32.2
67.8
457
8429-24
32.2
67.8
610
8430-9
42.6
93.7
229
8430-18
42.6
93.7
457
8430-24
42.6
93.7
610
Data: Physical & Electrical Properties
Typical Physical & Electrical Properties
Physical Properties
Test Method
Typical Value
Colour
Black
100% Modulus ASTM D 412
1.17 Mpa
300% Modulus ASTM D 412-75
4.7 Mpa
Ultimate Tensile ASTM D 412-75 Original
11.6 Mpa
Ultimate Elongation ASTM D 412-75 Original
635%
Die C Tear ASTM D 624C-73 Original
38.5KN/m
Fungus Resistance ASTM G-21 28 days exposure
No growth
Shore A Hardness ASTM D 2240-75
48
Permanent Set 3M test method @ 250% strain 5 minute
recovery
RT 8.8% 4.4°C (40°F) 14.6%
Moisture Absorption
24hrs 90°C H2O
7 days 90°C H2O
Wt. Gain
1.3%
3.2%
Electrical Properties
Dielectric Strength ASTM D 149-75 Original @ 1.78mm
19.1 MV/m
7 days in H2O at 90°C
18.1MV/m
Dielectric Constant Original
7 days 90°C H2O
5.0
5.6
Specifications
Product
Splicing of all 1000 volts or less inline power cables from 6mm
2 to 500mm2 shall be done in accordance with the



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com