Electronic Components Datasheet Search
  English  ▼

X  

8420 Datasheet(PDF) 3 Page - 3M Electronics

Part # 8420
Description  Cold Shrink EPDM Tubes Connector Insulators 8420 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8420 Datasheet(HTML) 3 Page - 3M Electronics

  8420 Datasheet HTML 1Page - 3M Electronics 8420 Datasheet HTML 2Page - 3M Electronics 8420 Datasheet HTML 3Page - 3M Electronics 8420 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Cold Shrink EPDM Tubes
Connector Insulators 8420 Series
Data Sheet
__________________________________________________________________________________
_________________________________________________________________________________________
Electrical Markets Division
3M United Kingdom PLC
3M Ireland Ltd
3M United Kingdom PLC
Sales Office
Sales Office
Head Office
PO Box 393
The Iveagh Building, The Park,
3M Centre, Cain Road
Bedford MK41 0YE
Carrickmines, Dublin 18, Ireland
Bracknell, Berkshire RG12 8HT
Telephone: 0870 609 4639
Telephone: (01) 800 812 732
Telephone: 01344 858 000
Fax: 01234 229 433
Fax: 353 1 280 3509
Fax: 01344 858 758
instructions provided with 3M Brand PST Cold Shrink Connector Insulators.
Engineering/Architectural
The connector insulator must be capable of operation at emergency overload cable temperatures of 130°C. It must be
usable without additional covering or adhesive, both indoors and outdoors, in overhead, direct buried or submersed
applications, on cables rated up to 1000 volts. It must be applied without additional heat or flame and, when applied
according to the manufacturer’s directions, but immediately energizable. It must not be adversely affected by moisture,
mild acids or alkalis, ozone or ultraviolet light. It must be compatible with all rubber or plastic insulated 1000 volt cables.
It must conform to the requirements of ANSI C119.1 1974, appropriate sections of Western Underground Guide 2.14 and
UL 486D. It must have been accepted by the US Dept of Agriculture, Rural Electrification Administration, for both
submersible and aerial application.
Performance Tests
The characteristic which is vital to the performance of the PST is permanent set. Permanent set is defined as “the
percentage of the original stretched deformation not recovered in a given period of time after the deforming force (core)
has been removed”. Because the PST tube has not been allowed to return to its original ID by the cable, a live rubber
force exists between the cable insulation and the PST tube.
The 8420 series tubes are installed on the core at approximately 250% stretch. The permanent set test is done in the
tension mode and reflects the elastic memory property of the material. Field experience combined with laboratory test data
has shown that our EPDM PST/Cold Shrink™ compounds exhibit excellent long-term elastic memory characteristics.
Moisture, Heat and Seal Tests
3M Brand Connector Insulators meet or exceed the test requirements of UL486D and ANSI C119.1.
Test Sequence.
1.
24 hours in room temperature water (30cm deep).
2.
Insulation resistance at dc (500 to 1000V), 1 minute.
3.
Dielectric ac withstand, 1 minute at 2200V.
4.
Heat at 90°C (
±5°C) for 72 hours.
5.
Flex test: 10 cycles for 90° right and 90° left.
6.
Twist test: twist 15° clockwise and then 15° counter-clockwise from centre 5 times.
7.
Water immersion as in Step 1.
8.
Insulation resistance as in Step 2.
9.
Cold temp. 4 hours at –18°C
± 5°C. Bend and twist per Steps 5. and 6. at temp.
10. Flex per Step 5.
11. Twist per Step 6.
12. Water immersion as in Step 1.
13. Insulation resistance as in Step 2.
14. Current cycle and water submersion test:
a) Heat conductor with current to 90°C for 1 hour.
b) De-energize.
c) Plunge in 25°C (
± 5°C) water within 3 minutes of Step b) for ½ hour minimum.
d) Repeat Steps a), b) and c), 25 times.
e) Measure insulation resistance per Step 2.
f) Repeat Steps a), b) and c), 25 times.
g) Dielectric test as in Step 3.
15. Dielectric withstand as in Step 3.
16. Leakage current in water 600V 60hz. 2.5mA max. leakage.
PSTs will seal within 5 minutes at –1°C even on the absolute minimum cable size. Thus, warming with the hands is not
necessary, even below freezing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com