Electronic Components Datasheet Search
  English  ▼

X  

PMB Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # PMB
Description  Pole Mount Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PMB Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  PMB Datasheet HTML 1Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 2Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 3Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6/27/2018
Pole Mount Kit (PMB Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/accessories/pmb
3/4
Data subject to change without notice
1590Z Series
Enclosure
Pole Mount Kit (7"
Max.)
Pole Mount Kit (15"
Max.)
Screw Type
Replacement Screw
Pack
1590Z164
PMB6687KIT1
PMB6687KIT2
M6-1.0 x
25mm
SCPMB2-20
1590Z166
PMB110127KIT1
PMB110127KIT2
M6-1.0 x
40mm
SCPMB3-20
1590Z231
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
1590Z235
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
Compatible 1590ZGRP Series Enclosures
1590ZGRP Series
Enclosure
Pole Mount Kit (7"
Max.)
Pole Mount Kit (15"
Max.)
Screw Type
Replacement Screw
Pack
1590ZGRP081
PMB4045KIT1
PMB4045KIT2
M4-0.7 x
20mm
SCPMB1-20
1590ZGRP082
PMB4045KIT1
PMB4045KIT2
M4-0.7 x
20mm
SCPMB1-20
1590ZGRP083
PMB4045KIT1
PMB4045KIT2
M4-0.7 x
20mm
SCPMB1-20
1590ZGRP084
PMB4045KIT1
PMB4045KIT2
M4-0.7 x
20mm
SCPMB1-20
1590ZGRP121
PMB6687KIT1
PMB6687KIT2
M6-1.0 x
25mm
SCPMB2-20
1590ZGRP123
PMB6687KIT1
PMB6687KIT2
M6-1.0 x
25mm
SCPMB2-20
1590ZGRP131
PMB4045KIT1
PMB4045KIT2
M4-0.7 x
20mm
SCPMB1-20
1590ZGRP161
PMB110127KIT1
PMB110127KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP162
PMB110127KIT1
PMB110127KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP163
PMB110127KIT1
PMB110127KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP233
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP234
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP235
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP243
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP244
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP263
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
1590ZGRP264
PMB180200KIT1
PMB180200KIT2
M6-1.0 x
40mm
SCPMB3-20
© 2018. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com