Electronic Components Datasheet Search
  English  ▼

X  

PMB Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PMB
Description  Pole Mount Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PMB Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PMB Datasheet HTML 1Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 2Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 3Page - Hammond Manufacturing Ltd. PMB Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6/27/2018
Pole Mount Kit (PMB Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/accessories/pmb
1/4
Pole Mount Kit PMB Series
For Series 1554, 1555, 1590Z, 1590ZGRP
Features
Allows select Hammond 1554, 1555, 1555-F, 1590Z, and 1590ZGRP series enclosures to
be mounted securely to a pole.
Pole mounting brackets designed to mount specific enclosures. Refer to tables below for
compatibility.
Minimum pole diameter of of 1.5" (38 mm)
Maximum pole diameter of 7" or 15" (178 mm/ 381 mm). Refer to table below.
Clamps are tightened with a 5/16" nut drive.
Brackets are installed with a hex key and a nut drive (refer to instructions for size).
Each kit includes:
(2) Stainless steel pole mounting brackets
(2) Stainless steel strap clamps.
Stainless steel mounting hardware. NOTE: Each kit includes multiple hardware
packs. Be sure to select the correct hardware based on your enclosure (see
tables below).
Kit Part Number
Max Pole Diameter
Enclosure Mounting Hole Spacing (mm)
Replacement Straps
PMB4045KIT1
7.00
40-45
HCLAMP1
PMB5057KIT1
7.00
50-57
HCLAMP1
PMB6687KIT1
7.00
66-87
HCLAMP1
PMB110127KIT1
7.00
110-127
HCLAMP1
PMB180200KIT1
7.00
180-200
HCLAMP1
PMB4045KIT2
15.00
40-45
HCLAMP2
PMB5057KIT2
15.00
50-57
HCLAMP2
PMB6687KIT2
15.00
66-87
HCLAMP2
PMB110127KIT2
15.00
110-127
HCLAMP2
PMB180200KIT2
15.00
180-200
HCLAMP2
Compatible 1554/55 Series Enclosures
Non-Flanged
1554 / 1555 Series
Enclosure
Pole Mount Kit (7"
Max.)
Pole Mount Kit (15"
Max.)
Screw Type
Replacement Screw
Pack
1554/55E
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55EE
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55F
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55G
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55H
PMB6687KIT1
PMB6687KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55J
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
1554/55K
PMB5057KIT1
PMB5057KIT2
M4-0.7 x
20mm
SCPMB1-20
Quality Products. Service Excellence.


Similar Part No. - PMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMB ETC-PMB Datasheet
208Kb / 1P
PM / EM Power-Off Brake
PMB ETC-PMB Datasheet
208Kb / 1P
PM / EM Power-Off Brake
logo
Illinois Capacitor, Inc...
PMB ILLINOISCAPACITOR-PMB Datasheet
661Kb / 5P
Power semiconductor module protection - High pulse and
logo
List of Unclassifed Man...
PMB-11 ETC-PMB-11 Datasheet
208Kb / 1P
PM / EM Power-Off Brake
PMB-11 ETC-PMB-11 Datasheet
208Kb / 1P
PM / EM Power-Off Brake
More results

Similar Description - PMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-2102351 MACOM-C-2102351 Datasheet
323Kb / 2P
PCB MOUNT KIT
logo
Bud Industries, Inc.
BPM-22260 BUD-BPM-22260 Datasheet
25Kb / 1P
UNIVERSAL POLE MOUNT BRACKET KIT SMALL SIZE BOXES
logo
WAGO Kontakttechnik Gmb...
855-9910 WAGO-855-9910 Datasheet
128Kb / 2P
Quick-mount kit
logo
FIBOX Enclosing innovat...
8120840 FIBOX-8120840 Datasheet
54Kb / 1P
PoleMounting kit, for pole ⌀100-300mm
24.07.2023
8120841 FIBOX-8120841 Datasheet
53Kb / 1P
PoleMounting kit, for pole ⌀100-300mm
24.07.2023
8120842 FIBOX-8120842 Datasheet
52Kb / 1P
PoleMounting kit, for pole ⌀100-300mm
24.07.2023
8120843 FIBOX-8120843 Datasheet
52Kb / 1P
PoleMounting kit, for pole ⌀100-300mm
24.07.2023
8120844 FIBOX-8120844 Datasheet
51Kb / 1P
PoleMounting kit, for pole ⌀100-300mm
24.07.2023
8120845 FIBOX-8120845 Datasheet
51Kb / 1P
PoleMounting kit, for pole ⌀100-300mm
24.07.2023
8120846 FIBOX-8120846 Datasheet
52Kb / 1P
PoleMounting kit, for pole ⌀100-300mm
24.07.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com