Electronic Components Datasheet Search
  English  ▼

X  

P2F1264 Datasheet(PDF) 6 Page - nVent Electric plc

Part # P2F1264
Description  Frames
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2F1264 Datasheet(HTML) 6 Page - nVent Electric plc

  P2F1264 Datasheet HTML 1Page - nVent Electric plc P2F1264 Datasheet HTML 2Page - nVent Electric plc P2F1264 Datasheet HTML 3Page - nVent Electric plc P2F1264 Datasheet HTML 4Page - nVent Electric plc P2F1264 Datasheet HTML 5Page - nVent Electric plc P2F1264 Datasheet HTML 6Page - nVent Electric plc P2F1264 Datasheet HTML 7Page - nVent Electric plc P2F1264 Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories
PH 763.422.2211
nVent.com/HOFFMAN
MOduLaR ENcLOsuRE sOLutIONs
6
Spec-01187 D
P2
Model
PROLINE G2
F
Component
Frame
Blank
Specialty
Blank = standard
D
Type
Blank = standard
D
= disconnect
20
Height
mm
22 = 2200
20 = 2000
18 = 1800
16 = 1600
18
Width
mm
18 = 1800
16 = 1600
12 = 1200
6
Depth
mm
6 = 600
4 = 400
P2FD20186
Catalog Number
NOTE: Not every combination is
available as a standard product.
FRaME REducING BRackEts
aPPLIcatION
•
Frame-Reducing Brackets are used to reduce wider frames to
600mm, allowing 19-in. rack angles to fit
•
Brackets can also be used to left- or right- justify rack-mounted
equipment
sPEcIFIcatIONs
•
Furnished in sets of four
•
14 gauge (1.75 mm) steel
•
Mounting hardware included
FINIsH
Plated
Bulletin: p40
Catalog Number
D (mm)
D (in.)
Converts Frame
Width (mm)
P2AFRB50
50
2.0
From 800 to 700
P2AFRB100
100
3.9
From 800 to 600
P2AFRB200
200
7.9
From 1000 to 600



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com