Electronic Components Datasheet Search
  English  ▼

X  

P2F1264 Datasheet(PDF) 8 Page - nVent Electric plc

Part # P2F1264
Description  Frames
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2F1264 Datasheet(HTML) 8 Page - nVent Electric plc

  P2F1264 Datasheet HTML 1Page - nVent Electric plc P2F1264 Datasheet HTML 2Page - nVent Electric plc P2F1264 Datasheet HTML 3Page - nVent Electric plc P2F1264 Datasheet HTML 4Page - nVent Electric plc P2F1264 Datasheet HTML 5Page - nVent Electric plc P2F1264 Datasheet HTML 6Page - nVent Electric plc P2F1264 Datasheet HTML 7Page - nVent Electric plc P2F1264 Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PROLINE G2 MOduLaR ENcLOsuRE sOLutIONs Frames and Frame accessories
PH 763.422.2211
nVent.com/HOFFMAN
MOduLaR ENcLOsuRE sOLutIONs
8
Spec-01187 D
FRaME FLOOR-MOuNtING BRackEt
aPPLIcatION
Provides a structural method of bolting a PROLINE G2 frame to the
floor.
sPEcIFIcatIONs
•
Fits all frame sizes
•
Kit includes four brackets and mounting hardware
•
12-gauge (2.5mm) mild steel
•
Not for use on Colocation Frames (Networking product group),
which include welded-in, floor mounting brackets
FINIsH
•
Plated finish
Bulletin: p40
Catalog Number
P2AFMK
WIRE MaNaGEMENt RaILs
Wire Management Rails are 14 gauge steel with a plated finish.
They feature a unique hole pattern that allows either wire ties or
fasteners to secure wires in place. Frame-mounting hardware is
included. One package contains 20 rails.
Bulletin: p40
Catalog Number
L
mm/in.
Fits Frame
Depth mm
P2AWMR4
304
12.0
400
P2AWMR5
404
15.9
500
P2AWMR6
504
19.8
600
P2AWMR8
704
27.7
800
P2AWMR10
904
35.6
1000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com