Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA253
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA253 Datasheet HTML 18Page - Texas Instruments INA253 Datasheet HTML 19Page - Texas Instruments INA253 Datasheet HTML 20Page - Texas Instruments INA253 Datasheet HTML 21Page - Texas Instruments INA253 Datasheet HTML 22Page - Texas Instruments INA253 Datasheet HTML 23Page - Texas Instruments INA253 Datasheet HTML 24Page - Texas Instruments INA253 Datasheet HTML 25Page - Texas Instruments INA253 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Time (50ms/div)
-3
0
3
6
9
12
15
Common-Mode Input Signal
INA253A3 Output
22
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.1.2 Detailed Design Procedure
To demonstrate the performance of the device, the INA253, with a gain of 400mV/A, is selected for this design
and powered from a 5-V supply.
Using the information in the Output Set to Mid-Supply Voltage section, the reference point is set to midscale by
splitting the supply with REF1 connected to ground and REF2 connected to supply. Alternatively, the reference
pins can be tied together and driven with an external precision reference.
9.2.1.3 Application Curve
Figure 42. Solenoid Drive Current Sense Input and Output Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com