Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA253
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253 Datasheet(HTML) 1 Page - Texas Instruments

  INA253 Datasheet HTML 1Page - Texas Instruments INA253 Datasheet HTML 2Page - Texas Instruments INA253 Datasheet HTML 3Page - Texas Instruments INA253 Datasheet HTML 4Page - Texas Instruments INA253 Datasheet HTML 5Page - Texas Instruments INA253 Datasheet HTML 6Page - Texas Instruments INA253 Datasheet HTML 7Page - Texas Instruments INA253 Datasheet HTML 8Page - Texas Instruments INA253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
INA253
REF2
VS
OUT
GND
IN+
IN±
±
+
REF1
Up To 80 V
2.7-V to 5.5-V
Supply
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor
With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
1
1 Features
1
•
Precision Integrated Shunt Resistor
–
Shunt Resistor: 2 mΩ
–
Shunt Inductance: 3 nH
–
Shunt Resistor Tolerance: 0.1% (Max)
–
±15 A Continuous from –40°C to +85°C
–
0°C to 125°C Temperature Coefficient:
10 ppm/°C
•
High Bandwidth: 350 kHz
•
Enhanced PWM rejection
•
Excellent CMRR
–
> 120-dB DC CMRR
–
90-dB AC CMRR at 50 kHz
•
Accuracy:
–
Gain:
–
Gain Error: 0.4% (Max)
–
Gain Drift: 45 ppm/°C (Max)
–
Offset:
–
Offset Current: ±15 mA (Max)
–
Offset Drift: 125 µA/°C (Max)
•
Wide Common-Mode Range: –4 V to +80 V
•
Available Gains: 100 mV/A, 200 mV/A,
and 400 mV/A
•
Quiescent Current: 2.4 mA (Max)
2 Applications
•
Solenoid and Valve Controls
•
Transmission control
•
Motor Controls
•
Actuator Controls
•
DC/DC Converters
•
Remote I/O Link Control
3 Description
The INA253 is a voltage-output, current sense
amplifier with an integrated shunt resistor of 2 mΩ.
The INA253 is designed to monitor bidirectional
currents over a wide common-mode range from
–4 V to +80 V, independent of the supply voltage.
Three fixed gains are available: 100 mV/A, 200 mV/A,
and 400 mV/A. The integration of the precision
resistor with a zero-drift chopped amplifier provides
calibration equivalent measurement accuracy, ultra-
low temperature drift performance of 15 ppm/°C, and
an optimized Kelvin layout for the sensing resistor.
The INA253 is designed with enhanced PWM
rejection circuitry to suppress large (dv/dt) signals
that
enable
real-time
continuous
current
measurements. The measurements are critical for in-
line
current
measurements
in
a
motor-drive
application,
and
for
solenoid
valve
control
applications.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 3 mA of supply
current. All gain versions are specified over the
extended operating temperature range (–40°C to
+125°C), and are available in a 20-pin TSSOP
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA253
TSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - INA253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA253 TI1-INA253 Datasheet
639Kb / 24P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA253 TI1-INA253 Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253 TI2-INA253 Datasheet
1Mb / 36P
INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
REVISED DECEMBER 2018
INA253-Q1 TI1-INA253-Q1 Datasheet
713Kb / 29P
INA253-Q1 Automotive-Grade, 80-V, 15-A, Precision, Integrated-Shunt, High-Accuracy, Current Sense Amplifier With Enhanced PWM Rejection
INA253-Q1 TI2-INA253-Q1 Datasheet
1Mb / 36P
INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
REVISED DECEMBER 2018
More results

Similar Description - INA253

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 32P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 33P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA253 TI1-INA253 Datasheet
639Kb / 24P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com