Electronic Components Datasheet Search
  English  ▼

X  

INA260AIPW Datasheet(PDF) 23 Page - Texas Instruments

Part # INA260AIPW
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260AIPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA260AIPW Datasheet HTML 19Page - Texas Instruments INA260AIPW Datasheet HTML 20Page - Texas Instruments INA260AIPW Datasheet HTML 21Page - Texas Instruments INA260AIPW Datasheet HTML 22Page - Texas Instruments INA260AIPW Datasheet HTML 23Page - Texas Instruments INA260AIPW Datasheet HTML 24Page - Texas Instruments INA260AIPW Datasheet HTML 25Page - Texas Instruments INA260AIPW Datasheet HTML 26Page - Texas Instruments INA260AIPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
INA260
www.ti.com
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.6.2 Current Register (01h) (Read-Only)
The value in the current register is represented in two's complement format to support negative current values.
The LSB size for the current register is set to 1.25 mA. If averaging is enabled, this register will report the
averaged value.
Figure 31. Current Register (01h) (Read-Only)
15
14
13
12
11
10
9
8
CSIGN
CD14
CD13
CD12
CD11
CD10
CD9
CD8
0
0
0
0
0
0
0
0
R
7
6
5
4
3
2
1
0
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
0
0
0
0
0
0
0
0
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
8.6.3 Bus Voltage Register (02h) (Read-Only)
The Bus Voltage Register stores the most recent bus voltage reading, VBUS.
If averaging is enabled, this register reports the averaged value.
Full-scale range = 40.96 V (decimal = 32767); LSB = 1.25 mV.
(1)
Bit 15 is always zero because bus voltage can only be positive.
Figure 32. Bus Voltage Register (02h) (Read-Only)
15(1)
14
13
12
11
10
9
8
—
BD14
BD13
BD12
BD11
BD10
BD9
BD8
0
0
0
0
0
0
0
0
R
7
6
5
4
3
2
1
0
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
0
0
0
0
0
0
0
0
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
8.6.4 Power Register (03h) (Read-Only)
If averaging is enabled, this register reports the averaged value.
The Power Register LSB is fixed to 10 mW.
The Power Register records power in Watts by multiplying the decimal values of the Current Register with the
decimal value of the Bus Voltage Register. Values stored in the power register will always be positive regardless
of the direction of current flow. The maximum value that can be returned by the power register is A3D7h or
419.43 W.
Figure 33. Power Register (03h) (Read-Only)
15
14
13
12
11
10
9
8
PD15
PD14
PD13
PD12
PD11
PD10
PD9
PD8
0
0
0
0
0
0
0
0
R
7
6
5
4
3
2
1
0
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
0
0
0
0
0
0
0
0
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com