Electronic Components Datasheet Search
  English  ▼

X  

INA260AIPW Datasheet(PDF) 28 Page - Texas Instruments

Part # INA260AIPW
Description  INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA260AIPW Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA260AIPW Datasheet HTML 24Page - Texas Instruments INA260AIPW Datasheet HTML 25Page - Texas Instruments INA260AIPW Datasheet HTML 26Page - Texas Instruments INA260AIPW Datasheet HTML 27Page - Texas Instruments INA260AIPW Datasheet HTML 28Page - Texas Instruments INA260AIPW Datasheet HTML 29Page - Texas Instruments INA260AIPW Datasheet HTML 30Page - Texas Instruments INA260AIPW Datasheet HTML 31Page - Texas Instruments INA260AIPW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
140 Ps (1 conversion)
280 Ps (2 conversions)
TIME (50 Ps /div)
1.1 ms (1 conversion)
2.2 ms (2 conversions)
TIME (500 Ps /div)
28
INA260
SBOS656C – JULY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA260
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
The ALERT pin can be configured to respond to one of the five alert functions described in the ALERT Pin
section. The ALERT pin must be pulled up to the VS pin voltage through an external pullup resistor. The
configuration register is set based on the required conversion time and averaging. The Mask/Enable Register is
set to identify the required alert function and the Alert Limit Register is set to the limit value used for comparison.
9.2.3 Application Curves
Figure 40 shows the ALERT pin response to a bus over voltage limit of 5.5 V for a conversion time (tCT) of 1.1
ms and averaging set to 1. Figure 39 shows the response for the same limit but with the conversion time reduced
to 140 µs. For the scope shots shown in these figures, persistence was enabled on the ALERT channel. This
shows how the ALERT response time can vary depending on when the fault condition occurs relative to the
internal ADC clock of the INA260. For fault conditions that are just exceeding the limit threshold the response
time for the ALERT pin can vary from 1 to 2 conversion cycles. As mentioned, the variation is due to the timing
on when the fault event occurs relative to the start time of the internal ADC conversion cycle. For fault events
that greatly exceed the limit threshold it is possible for the alert to respond in less than one conversion cycle.
This is because it takes fewer samples for the average to exceed the limit threshold value.
See Table 9
tCT = 140 µs
See Table 11
See Table 12
Figure 39. Alert Response
See Table 10
tCT = 1.1 ms
See Table 11
See Table 12
Figure 40. Alert Response
Table 9. Configuration Register (00h) Settings for Figure 39 (Value = 6006h)
BIT #
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BIT
NAME
RST
—
—
—
AVG2
AVG1
AVG0
VBUSC
T2
VBUSC
T1
VBUSC
T0
ISHCT2
ISHCT1
ISHCT0
MODE3
MODE2
MODE1
POR
VALUE
0
1
1
0
0
0
0
0
0
0
0
0
0
1
1
0
Table 10. Configuration Register (00h) Settings for Figure 40 (Value = 6126h)
BIT #
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BIT
NAME
RST
—
—
—
AVG2
AVG1
AVG0
VBUSC
T2
VBUSC
T1
VBUSC
T0
ISHCT2
ISHCT1
ISHCT0
MODE3
MODE2
MODE1
POR
VALUE
0
1
1
0
0
0
0
1
0
0
1
0
0
1
1
0
Table 11. Mask/Enable Register (06h) Settings for Figure 39 and Figure 40 (Value = 2008h)
BIT #
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BIT
NAME
OCL
UCL
BOL
BUL
POL
CNVR
—
—
—
—
—
AFF
CVRF
OVF
APOL
LEN
POR
VALUE
0
0
1
0
0
0
0
0
0
0
0
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com