Electronic Components Datasheet Search
  English  ▼

X  

INA331 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA331 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA331_V01 Datasheet HTML 2Page - Texas Instruments INA331_V01 Datasheet HTML 3Page - Texas Instruments INA331_V01 Datasheet HTML 4Page - Texas Instruments INA331_V01 Datasheet HTML 5Page - Texas Instruments INA331_V01 Datasheet HTML 6Page - Texas Instruments INA331_V01 Datasheet HTML 7Page - Texas Instruments INA331_V01 Datasheet HTML 8Page - Texas Instruments INA331_V01 Datasheet HTML 9Page - Texas Instruments INA331_V01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
INA331, INA2331
SBOS215C
6
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, VCM = VS /2, RL = 10kΩ, and CL = 100pF, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE (G = 5)
4
µs/div
SMALL-SIGNAL STEP RESPONSE (G = 100)
4
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = 5, C
L = 1000pF)
4
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = 100, C
L = 1000pF)
10
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = 100, C
L = 4700pF)
10
µs/div
LARGE-SIGNAL STEP RESPONSE (G = 25)
10
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com