Electronic Components Datasheet Search
  English  ▼

X  

INA331 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA331 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA331_V01 Datasheet HTML 7Page - Texas Instruments INA331_V01 Datasheet HTML 8Page - Texas Instruments INA331_V01 Datasheet HTML 9Page - Texas Instruments INA331_V01 Datasheet HTML 10Page - Texas Instruments INA331_V01 Datasheet HTML 11Page - Texas Instruments INA331_V01 Datasheet HTML 12Page - Texas Instruments INA331_V01 Datasheet HTML 13Page - Texas Instruments INA331_V01 Datasheet HTML 14Page - Texas Instruments INA331_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
INA331, INA2331
SBOS215C
11
www.ti.com
SHUTDOWN MODE
The shutdown pin of the INA331 is nominally connected to V+.
When the pin is pulled below 0.8V on a 5V supply, the INA331
goes into sleep mode within nanoseconds. For actual shut-
down threshold, see the typical characteristic
Shutdown Volt-
age vs Supply Voltage. Drawing less than 2
µA of current, and
returning from sleep mode in microseconds, the shutdown
feature is useful for portable applications. Once in ‘sleep-
mode’ the amplifier has high output impedance, making the
INA331 suitable for multiplexing.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output for gains of 10 or greater.
For resistive loads greater than 10k
Ω, the output voltage
can swing to within 25mV of the supply rail while maintain-
ing low gain error. For heavier loads and over temperature,
see the typical characteristic
Output Voltage Swing vs
Output Current. The INA331’s low output impedance at high
frequencies makes it suitable for directly driving Capacitive-
Input A/D converters, as shown in Figure 4.
FIGURE 4. INA331 Directly Drives Capacitive-Input, High-
Speed A/D Converter.
OUTPUT BUFFERING
The INA331 is optimized for a load impedance of 10k
Ω or
greater. For higher output current the INA331 can be buff-
ered using the OPA340, as shown in Figure 5. The OPA340
can swing within 50mV of the supply rail, driving a 600
Ω load.
The OPA340 is available in the tiny MSOP-8 package.
OFFSET TRIMMING
The INA331 is laser trimmed for low offset voltage. In the
event that external offset adjustment is required, the offset
can be adjusted by applying a correction voltage to the
reference terminal. Figure 6 shows an optional circuit for
trimming offset voltage. The voltage applied to the REF
terminal is added to the output signal. The gain from REF to
VOUT is +1. An op amp buffer is used to provide low
impedance at the REF terminal to preserve good common-
mode rejection.
FIGURE 7. Sample Output Buffering Circuit.
INPUT PROTECTION
Device inputs are protected by ESD diodes that will conduct
if the input voltages exceed the power supplies by more than
500mV. Momentary voltages greater than 500mV beyond
the power supply can be tolerated if the current through the
input pins is limited to 10mA. This is easily accomplished with
input resistor RLIM, as shown in Figure 7. Many input signals
are inherently current-limited to less than 10mA; therefore, a
limiting resistor is not required.
ADS7818
or
ADS7822
12-Bits
+5V
INA331
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF
f
S < 100kHz
OPA340
V
OUT
+5V
0.1
µF
0.1
µF
INA331
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF
FIGURE 5. Output Buffering Circuit. Able to drive loads as
low as 600
Ω.
FIGURE 6. Optional Offset Trimming Voltage.
OPA336
Adjustable
Voltage
INA331
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF(1)
NOTE: (1) REF should be adjusted for the desired output level.
The value of REF affects the common-mode input range.
R
LIM
R
LIM
I
OVERLOAD
10mA max
INA331
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com