Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA823
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA823 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA823 Datasheet HTML 18Page - Texas Instruments INA823 Datasheet HTML 19Page - Texas Instruments INA823 Datasheet HTML 20Page - Texas Instruments INA823 Datasheet HTML 21Page - Texas Instruments INA823 Datasheet HTML 22Page - Texas Instruments INA823 Datasheet HTML 23Page - Texas Instruments INA823 Datasheet HTML 24Page - Texas Instruments INA823 Datasheet HTML 25Page - Texas Instruments INA823 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Select R1 as ≥ 1kΩ to optimize accuracy of the circuit. Equation 5 shows the R1:
R2 = R1 × (G−1) = R2 = 1kΩ × (125−1) = 124kΩ
(5)
The maximum common-mode voltage of the application is the same as the maximum voltage on the battery cell
which is at 5V. The minimum common-mode voltage is the discharged battery cell which during manufacturing
flow can be close to 0V. Due to the architecture the limitations for maximum common-mode voltage are simply
given by VIN(min) = (V−) +1.75V and VIN(max) = (V+) − 1.5V, in this example VIN(min)= −8.25V and VIN(max) = 8.5V.
The operating input voltage is at 5V+20mV (maximum) and 0V–20mV (minimum) which is within the allowed
range.
8.2.1.3 Application Curves
Many modern signal-conditioning applications calibrate errors at room temperature. In battery testing systems,
the errors resulting from temperature drifts are more relevant. In an application with the INA630, the change
of resistance due to the temperature coefficient of resistance (TCR) of the external resistor network is most
relevant for the drift performance.
Figure 8-4 shows a calculation of the drift error contribution of the INA630 including the gain error drift and offset
drift performance. To demonstrate the effect of the external resistor network, the drift error contribution for a
10ppm/°C and 25ppm/°C resistor network are shown.
Note: Choosing resistors with good TC tracking can cancel the drift error contribution of the external resistor network.
Figure 8-4. Maximum Drift Error (ppm) vs Temperature Rise (°C)
8.3 Power Supply Recommendations
The nominal performance of the INA630 is specified with a supply voltage of ±15V and midsupply reference
voltage. The device also operates using power supplies from ±2.25V (4.5V) to ±18V (36V) and non-midsupply
reference voltages with excellent performance. Parameters that can vary significantly with operating voltage and
reference voltage are shown in Typical Characteristics.
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com