Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA823
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA823 Datasheet(HTML) 4 Page - Texas Instruments

  INA823 Datasheet HTML 1Page - Texas Instruments INA823 Datasheet HTML 2Page - Texas Instruments INA823 Datasheet HTML 3Page - Texas Instruments INA823 Datasheet HTML 4Page - Texas Instruments INA823 Datasheet HTML 5Page - Texas Instruments INA823 Datasheet HTML 6Page - Texas Instruments INA823 Datasheet HTML 7Page - Texas Instruments INA823 Datasheet HTML 8Page - Texas Instruments INA823 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
Dual supply (–VS), (+VS)
–20
20
V
Single supply VS
40
INN, INP, REF,
FB
Signal input pins
Voltage
(–VS) – 0.5
(+VS) + 0.5
V
Current
–10
10
mA
Differential voltage between INN and INP or REF
and FB
(–VS) – 0.5
(+VS) + 0.5
V
OUT
Signal output pins
(–VS) – 0.5
(+VS) + 0.5
V
Output short-circuit(2)
Continuous
TA
Operating Temperature
–50
150
°C
TJ
Junction Temperature
175
°C
Tstg
Storage Temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Short-circuit to VS / 2.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VS
Single-supply
4.5
36
V
Dual-supply
±2.25
±18
Specified temperature, TA
Specified temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA630
UNIT
DDF (SOT-23)
8 PINS
RθJA
Junction-to-ambient thermal resistance
177.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
97.4
°C/W
RθJB
Junction-to-board thermal resistance
99.3
°C/W
ψJT
Junction-to-top characterization parameter
13.3
°C/W
ψJB
Junction-to-board characterization parameter
98.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com