Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA818
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA818 Datasheet(HTML) 2 Page - Texas Instruments

  INA818 Datasheet HTML 1Page - Texas Instruments INA818 Datasheet HTML 2Page - Texas Instruments INA818 Datasheet HTML 3Page - Texas Instruments INA818 Datasheet HTML 4Page - Texas Instruments INA818 Datasheet HTML 5Page - Texas Instruments INA818 Datasheet HTML 6Page - Texas Instruments INA818 Datasheet HTML 7Page - Texas Instruments INA818 Datasheet HTML 8Page - Texas Instruments INA818 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 7
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 15
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................18
8 Application and Implementation.................................. 19
8.1 Application Information............................................. 19
8.2 Typical Applications.................................................. 21
8.3 Power Supply Recommendations.............................22
8.4 Layout....................................................................... 23
9 Device and Documentation Support............................25
9.1 Third-Party Products Disclaimer............................... 25
9.2 Documentation Support............................................ 25
9.3 Receiving Notification of Documentation Updates....25
9.4 Support Resources................................................... 25
9.5 Trademarks...............................................................25
9.6 Electrostatic Discharge Caution................................25
9.7 Glossary....................................................................25
10 Revision History.......................................................... 25
11 Mechanical, Packaging, and Orderable
Information.................................................................... 25
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com