Electronic Components Datasheet Search
  English  ▼

X  

INA818 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA818
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA818 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA818 Datasheet HTML 17Page - Texas Instruments INA818 Datasheet HTML 18Page - Texas Instruments INA818 Datasheet HTML 19Page - Texas Instruments INA818 Datasheet HTML 20Page - Texas Instruments INA818 Datasheet HTML 21Page - Texas Instruments INA818 Datasheet HTML 22Page - Texas Instruments INA818 Datasheet HTML 23Page - Texas Instruments INA818 Datasheet HTML 24Page - Texas Instruments INA818 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.2 Typical Applications
8.2.1 Current Shunt Monitoring in Battery Testing Systems
Figure 8-3 shows a current shunt monitoring design for the INA630. This exemplary circuit is designed to monitor
charging and discharging currents through a battery cell of ±100A. The INA630 is configured in a gain of 125V/V
and optimized to enable accuracy of 0.05% over a temperature range of 40°C. The output is a bipolar-ended
voltage of ±2.5V to feed into a bipolar ADC.
INA630
ADC
10 V
BATTERY
CELL
VS+
VS
VREF
OUT
10 V
R2
R1
GND
2.5 V
2.5 V
Charge
Current
ISENSE
5 V
FB
Figure 8-3. Battery Testing Current Shunt Monitor Circuit
8.2.1.1 Design Requirements
For this application, the design requirements are as follows:
• Charging and discharging current for single-cell battery of up to ±100A
• Sense resistor RSENSE of 200μΩ, equal to VSENSE of ±20mV
• Maximum common-mode voltage of VBAT at 4.2V
• Bipolar output voltage of ±2.5V
8.2.1.2 Detailed Design Procedure
This chapter details the procedure to lay out the gain resistor network, containing R1 and R2. Additional
guidance is provided to verify that the given input voltage lies within the allowed operating range.
The selection of the current shunt resistor is an important step for an accurate battery test system. A large shunt
resistor increases power dissipation which degrades the drift performance. A small resistor on the other side
requires a high-performance front end. For this design, the given charging current ICHARGE is ±100A, so RSENSE
is selected to be 200μΩ for best trade-off.
In charging mode, Equation 3 show the sense voltage to the input of the INA630:
VSENSE = ICHARGE × RSENSE = ±20mV
(3)
The full-scale range for the selected ADC is at 5V. The reference pin is grounded. Equation 4 shows the gain:
G = VOUT / VSENSE = 125V/V
(4)
• G represents the gain of the instrumentation amplifier.
• VSENSE represents the differential voltage at the INA630 inputs which is within the maximum allowed
differential input voltage of ±125mV.
www.ti.com
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com