Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA819
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA819 Datasheet HTML 17Page - Texas Instruments INA819 Datasheet HTML 18Page - Texas Instruments INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments INA819 Datasheet HTML 22Page - Texas Instruments INA819 Datasheet HTML 23Page - Texas Instruments INA819 Datasheet HTML 24Page - Texas Instruments INA819 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Frequency (Hz)
20
40
60
80
100
120
140
10M
100M
1G
10G
D048
Frequency (Hz)
0
20
40
60
80
100
10M
100M
1G
10G
D047
EMIRR (dB)
2
RF _ PEAK
20
OS
P
V
V
10
100 mV
§
·
¨
¸
©
¹
§
·
¨
¸
'
˜
¨
¸
©
¹
21
INA818
www.ti.com
SBOS894A – APRIL 2019 – REVISED JUNE 2019
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.1.1 Gain Drift
The stability and temperature drift of the external gain setting resistor (RG ) also affects gain. The contribution of
RG to gain accuracy and drift is determined from Equation 1.
The best gain drift of 5 ppm/
℃ (maximum) is achieved when the INA818 uses G = 1 without RG connected. In
this case, gain drift is limited by the mismatch of the temperature coefficient of the integrated 40-kΩ resistors in
the differential amplifier (A3). At gains greater than 1, gain drift increases as a result of the individual drift of the
25-kΩ resistors in the feedback of A1 and A2, relative to the drift of the external gain resistor (RG.) The low
temperature coefficient of the internal feedback resistors improves the overall temperature stability of applications
using gains greater than 1 V/V over alternate solutions.
Low resistor values required for high gain make wiring resistance an important consideration. Sockets add to the
wiring resistance and contribute additional gain error (such as a possible unstable gain error) at gains of
approximately 100 or greater. To maintain stability, avoid parasitic capacitance of more than a few picofarads at
RG connections. Careful matching of any parasitics on the RG pins maintains optimal CMRR over frequency.
8.3.2 EMI Rejection
Texas Instruments developed a method to accurately measure the immunity of an amplifier over a broad
frequency spectrum extending from 10 MHz to 6 GHz. This method uses an EMI rejection ratio (EMIRR) to
quantify the ability of the INA818 to reject EMI. The offset resulting from an input EMI signal is calculated using
Equation 2:
where
•
VRF_PEAK is the peak amplitude of the input EMI signal.
(2)
Figure 56 and Figure 57 show the INA818 EMIRR graphs for differential and common-mode EMI rejection across
this frequency range. Table 3 lists the EMIRR values for the INA818 at frequencies commonly encountered in
real-world applications. Applications listed in Table 3 are centered on or operated near the frequency shown.
Depending on the end-system requirements, additional EMI filters may be required near the signal inputs of the
system. Incorporating known good practices, such as using short traces, low-pass filters, and damping resistors
combined with parallel and shielded signal routing may also be required.
Figure 56. Common-Mode EMIRR Testing
Figure 57. Differential Mode EMIRR Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com