Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA819
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA819 Datasheet HTML 2Page - Texas Instruments INA819 Datasheet HTML 3Page - Texas Instruments INA819 Datasheet HTML 4Page - Texas Instruments INA819 Datasheet HTML 5Page - Texas Instruments INA819 Datasheet HTML 6Page - Texas Instruments INA819 Datasheet HTML 7Page - Texas Instruments INA819 Datasheet HTML 8Page - Texas Instruments INA819 Datasheet HTML 9Page - Texas Instruments INA819 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
INA818
SBOS894A – APRIL 2019 – REVISED JUNE 2019
www.ti.com
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Total offset, referred-to-input (RTI): VOS = (VOSI) + (VOSO / G).
(2)
Offset drifts are uncorrelated. Input-referred offset drift is calculated using: ΔVOS(RTI) = √[ΔVOSI
2 + (ΔV
OSO / G)
2]
(3)
Specified by characterization.
(4)
Input voltage range of the INA818 input stage. The input range depends on the common-mode voltage, differential voltage, gain, and
reference voltage. See Typical Characteristic curves Figure 51 through Figure 54 for more information.
(5)
Total RTI voltage noise is equal to: eN(RTI) = √[eNI
2 + (e
NO / G)
2]
(6)
The values specified for G > 1 do not include the effects of the external gain-setting resistor, RG.
7.5 Electrical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOSI
Input stage offset
voltage(1)(2)
10
35
µV
TA = –40°C to 125°C
(3)
75
µV
drift vs temperature, TA = –40°C to 125°C
0.4
µV/°C
VOSO
Output stage offset
voltage(1)(2)
50
300
µV
TA = –40°C to 125°C
(3)
800
µV
drift vs temperature, TA = –40°C to 125°C
5
µV/°C
PSRR
Power-supply rejection
ratio
G = 1, RTI
110
120
dB
G = 10, RTI
114
130
G = 100, RTI
130
135
G = 1000, RTI
136
140
zid
Differential impedance
100 || 1
GΩ || pF
zic
Common-mode impedance
100 || 4
G
Ω || pF
RFI filter, –3-dB frequency
32
MHz
VCM
Operating input range(4)
(V–) + 2
(V+) – 2
V
VS = ±2.25 V to ±18 V, TA = –40°C to 125°C
See Figure 51 to Figure 54
Input overvoltage range
TA = –40°C to 125°C
(3)
±60
V
CMRR
Common-mode rejection
ratio
At DC to 60 Hz, RTI, VCM = (V–) + 2 V to (V+) – 2 V,
G = 1
90
105
dB
At DC to 60 Hz, RTI, VCM = (V–) + 2 V to (V+) – 2 V,
G = 10
110
125
At DC to 60 Hz, RTI, VCM = (V–) + 2 V to (V+) – 2 V,
G = 100
130
145
At DC to 60 Hz, RTI, VCM = (V–) + 2 V to (V+) – 2 V,
G = 1000
140
150
BIAS CURRENT
IB
Input bias current
VCM = VS / 2
0.15
0.5
nA
TA = –40°C to 125°C
2
IOS
Input offset current
VCM = VS / 2
0.15
0.5
nA
TA = –40°C to 125°C
2
NOISE VOLTAGE
eNI
Input stage voltage
noise(5)
f = 1 kHz, G = 100, RS = 0 Ω
8
nV/
√Hz
fB = 0.1 Hz to 10 Hz, G = 100, RS = 0 Ω
0.19
µVPP
eNO
Output stage voltage
noise(5)
f = 1 kHz, RS = 0 Ω
80
nV/
√Hz
fB = 0.1 Hz to 10 Hz, RS = 0 Ω
2.6
µVPP
In
Noise current
f = 1 kHz
130
fA/
√Hz
fB = 0.1 Hz to 10 Hz, G = 100
4.7
pAPP
GAIN
Gain equation
1 + (50 k
Ω / RG)
V/V
G
Gain
1
1000
V/V
GE
Gain error
G = 1, VO = ±10 V
±0.005%
±0.025%
G = 10, VO = ±10 V
±0.025%
±0.15%
G = 100, VO = ±10 V
±0.025%
±0.15%
G = 1000, VO = ±10 V
±0.05%
Gain error drift(6)
G = 1, TA = –40°C to 125°C, VO = ±10 V
±5
ppm/°C
G > 1, TA = –40°C to 125°C, VO = ±10 V
±35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com