Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA819
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA819 Datasheet HTML 17Page - Texas Instruments INA819 Datasheet HTML 18Page - Texas Instruments INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments INA819 Datasheet HTML 22Page - Texas Instruments INA819 Datasheet HTML 23Page - Texas Instruments INA819 Datasheet HTML 24Page - Texas Instruments INA819 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
8.3.1.1 Gain Drift
The stability and temperature drift of the external gain setting resistor (RG ) also affects gain. The contribution of
RG to gain accuracy and drift is determined from Equation 1.
The best gain drift of 5 ppm/
℃ (maximum) is achieved when the INA819 uses G = 1 without RG connected. In
this case, gain drift is limited by the mismatch of the temperature coefficient of the integrated 40-kΩ resistors
in the differential amplifier (A3). At gains greater than 1, gain drift increases as a result of the individual drift
of the 25-kΩ resistors in the feedback of A1 and A2, relative to the drift of the external gain resistor (RG.)
The low temperature coefficient of the internal feedback resistors improves the overall temperature stability of
applications using gains greater than 1 V/V over alternate solutions.
Low resistor values required for high gain make wiring resistance an important consideration. Sockets add to
the wiring resistance and contribute additional gain error (such as a possible unstable gain error) at gains of
approximately 100 or greater. To maintain stability, avoid parasitic capacitance of more than a few picofarads at
RG connections. Careful matching of any parasitics on the RG pins maintains optimal CMRR over frequency; see
Figure 7-17.
8.3.2 EMI Rejection
Texas Instruments developed a method to accurately measure the immunity of an amplifier over a broad
frequency spectrum extending from 10 MHz to 6 GHz. This method uses an EMI rejection ratio (EMIRR) to
quantify the ability of the INA819 to reject EMI. The offset resulting from an input EMI signal is calculated using
Equation 2:
EMIRR (dB)
2
RF _ PEAK
20
OS
P
V
V
10
100 mV
§
·
¨
¸
©
¹
§
·
¨
¸
'
˜
¨
¸
©
¹
(2)
where
• VRF_PEAK is the peak amplitude of the input EMI signal.
Figure 8-2 and Figure 8-3 show the INA819 EMIRR graph for differential and common-mode EMI rejection
across this frequency range. Table 8-2 lists the EMIRR values for the INA819 at frequencies commonly
encountered in real-world applications. Applications listed in Table 8-2 are centered on or operated near the
frequency shown. Depending on the end-system requirements, additional EMI filters may be required near the
signal inputs of the system. Incorporating known good practices such as using short traces, low-pass filters, and
damping resistors combined with parallel and shielded signal routing may be required.
Frequency (Hz)
20
40
60
80
100
120
140
10M
100M
1G
10G
D048
Figure 8-2. Common-Mode EMIRR Testing
Frequency (Hz)
0
20
40
60
80
100
10M
100M
1G
10G
D047
Figure 8-3. Differential Mode EMIRR Testing
www.ti.com
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com