Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA819
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA819 Datasheet(HTML) 4 Page - Texas Instruments

  INA819 Datasheet HTML 1Page - Texas Instruments INA819 Datasheet HTML 2Page - Texas Instruments INA819 Datasheet HTML 3Page - Texas Instruments INA819 Datasheet HTML 4Page - Texas Instruments INA819 Datasheet HTML 5Page - Texas Instruments INA819 Datasheet HTML 6Page - Texas Instruments INA819 Datasheet HTML 7Page - Texas Instruments INA819 Datasheet HTML 8Page - Texas Instruments INA819 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
6 Pin Configuration and Functions
1
±IN
8
+VS
2
RG
7
OUT
3
RG
6
REF
4
+IN
5
±VS
Not to scale
Figure 6-1. D (8-Pin SOIC) and DGK (8-Pin VSSOP)
Packages, Top View
1
±IN
8
+VS
2
RG
7
OUT
3
RG
6
REF
4
+IN
5
±VS
Not to scale
Thermal
Pad
Figure 6-2. DRG Package, 8-Pin WSON, Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN
1
Input
Negative (inverting) input
+IN
4
Input
Positive (noninverting) input
OUT
7
Output
Output
RG
2, 3
—
Gain setting pin. Place a gain resistor between pin 2 and pin 3.
REF
6
Input
Reference input. This pin must be driven by a low impedance source.
–VS
5
—
Negative supply
+VS
8
—
Positive supply
Thermal pad
—
—
Thermal pad internally connected to –VS. Connect externally to –VS or leave floating.
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com