Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA828
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 3 Page - Texas Instruments

  INA828 Datasheet HTML 1Page - Texas Instruments INA828 Datasheet HTML 2Page - Texas Instruments INA828 Datasheet HTML 3Page - Texas Instruments INA828 Datasheet HTML 4Page - Texas Instruments INA828 Datasheet HTML 5Page - Texas Instruments INA828 Datasheet HTML 6Page - Texas Instruments INA828 Datasheet HTML 7Page - Texas Instruments INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
5 Device Comparison Table
DEVICE
DESCRIPTION
GAIN EQUATION
RG PINS AT PIN
INA819
35-µV Offset, 0.4-µV/°C VOS Drift, 8-nV/√ Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50 kΩ / RG
2, 3
INA818
35-µV Offset, 0.4-µV/°C VOS Drift, 8-nV/√ Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50 kΩ / RG
1, 8
INA821
35-µV Offset, 0.4-µV/°C VOS Drift, 7-nV/√ Hz Noise, High-
Bandwidth, Precision Instrumentation Amplifier
G = 1 + 49.4 kΩ / RG
2, 3
INA828
50-µV Offset, 0.5-µV/°C VOS Drift, 7-nV/√ Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50 kΩ / RG
1, 8
INA333
25-µV VOS, 0.1-µV/°C VOS Drift, 1.8-V to 5-V, RRO, 50-µA IQ,
Chopper-Stabilized INA
G = 1 + 100 kΩ / RG
1, 8
PGA280
20-mV to ±10-V Programmable Gain IA With 3-V or 5-V Differential
Output; Analog Supply up to ±18 V
Digital programmable
N/A
INA159
G = 0.2 V Differential Amplifier for ±10-V to 3-V and 5-V
Conversion
G = 0.2 V/V
N/A
PGA112
Precision Programmable Gain Op Amp With SPI
Digital programmable
N/A
www.ti.com
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com