Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA828
Description  INA819 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA828 Datasheet HTML 26Page - Texas Instruments INA828 Datasheet HTML 27Page - Texas Instruments INA828 Datasheet HTML 28Page - Texas Instruments INA828 Datasheet HTML 29Page - Texas Instruments INA828 Datasheet HTML 30Page - Texas Instruments INA828 Datasheet HTML 31Page - Texas Instruments INA828 Datasheet HTML 32Page - Texas Instruments INA828 Datasheet HTML 33Page - Texas Instruments INA828 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
R1 sets the input impedance of the voltage input mode. The minimum typical input impedance is 100 kΩ. The
R1 value is 100 kΩ because increasing the R1 value also increases noise. The value of R3 must be extremely
small compared to R1 and R2. 20 Ω for R3 is selected because that resistance value is much smaller than R1 and
yields an input voltage of ±400 mV when operated in current mode (±20 mA).
Use Equation 5 to calculate R2 given VD = ±400 mV, VIN = ±10 V, and R1 = 100 kΩ.
R
V
1
D
V
V
IN
-
D
´
R
2
R + R
1
2
V = V
R
D
IN
2
=
´
®
= 4.167 kW
(5)
The value obtained from Equation 5 is not a standard 0.1% value, so 4.17 kΩ is selected. R1 and R2 also use
0.1% tolerance resistors to minimize error.
Use Equation 6 to calculate the ideal gain of the instrumentation amplifier.
V
V
OUT
REF
-
V
D
G =
=
= 5.75
4.8 V
2.5 V
400 mV
-
V
V
(6)
Equation 7 calculates the gain-setting resistor value using the INA819 gain equation (Equation 1).
G
50 k
50 k
R
10.5 k
G
1
5.75
1
:
:
:
(7)
Use a standard 0.1% resistor value of 10.5 kΩ for this design.
9.2.1.3 Application Curves
Figure 9-6 and Figure 9-7 show typical characteristic curves for the circuit in Figure 9-5.
0
1
2
3
4
5
-10
-5
0
5
10
Input Voltage (V)
Figure 9-6. PLC Output Voltage vs Input Voltage
C001
0
1
2
3
4
5
-20
-10
0
10
20
Input Current (mA)
C001
Figure 9-7. PLC Output Voltage vs Input Current
INA819
SBOS959D – DECEMBER 2018 – REVISED APRIL 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com