Electronic Components Datasheet Search
  English  ▼

X  

INA826S Datasheet(PDF) 28 Page - Texas Instruments

Part # INA826S
Description  INA826S Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA826S Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA826S Datasheet HTML 24Page - Texas Instruments INA826S Datasheet HTML 25Page - Texas Instruments INA826S Datasheet HTML 26Page - Texas Instruments INA826S Datasheet HTML 27Page - Texas Instruments INA826S Datasheet HTML 28Page - Texas Instruments INA826S Datasheet HTML 29Page - Texas Instruments INA826S Datasheet HTML 30Page - Texas Instruments INA826S Datasheet HTML 31Page - Texas Instruments INA826S Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
R
V
1
D
V
V
IN
-
D
´
R
2
R + R
1
2
V = V
R
D
IN
2
=
´
®
= 4.167 kW
V
= V
G + V
=
G + V
OUT V
D
REF
-
-
REF
´
´
V
IN
´
R
2
R + R
1
2
V
= V
G + V
= (I
R )
G + V
OUT I
D
REF
IN
3
-
-
REF
´
´
´
RG = 10.4 NŸ
v
+
R3 =
20
Ÿ
R2 = 4.12 NŸ
R1 = 100 NŸ
INA826S
VOUT
15 V
15 V
RL = 10 NŸ
RO = 100 Ÿ
CO = 1.59 nF
±10 V
±20 mA
2.5 V ± 2.3 V
V+
V
VREF
REF3225
5 V
Copyright © 2017, Texas Instruments Incorporated
28
INA826S
SBOS770A – MAY 2017 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA826S
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2 Typical Application
Figure 74 shows a three-terminal, programmable-logic controller (PLC) design for the INA826S. This PLC
reference design accepts inputs of ±10 V or ±20 mA. The output is a single-ended voltage of 2.5 V ± 2.3 V (or
200 mV to 4.8 V). Many PLCs typically have these input and output ranges.
Figure 74. Three-Terminal Analog Input for PLCs
8.2.1 Design Requirements
This design has the following requirements:
•
Supply voltage: ±15 V, 5 V
•
Inputs: ±10 V, ±20 mA
•
Output: 2.5 V, ±2.3 V
8.2.2 Detailed Design Procedure
There are two modes of operation for the circuit shown in Figure 74: current input and voltage input. This design
requires R1 >> R2 >> R3. Given this relationship, Equation 2 calculates the current input mode transfer function.
where
•
G represents the gain of the instrumentation amplifier
(2)
Equation 3 shows the transfer function for the voltage input mode.
(3)
R1 sets the input impedance of the voltage input mode. The minimum typical input impedance is 100 kΩ. 100 kΩ
is selected for R1 because increasing the R1 value also increases noise. The value of R3 must be extremely
small compared to R1 and R2. 20 Ω for R3 is selected because that resistance value is much smaller than R1 and
yields an input voltage of ±400 mV when operated in current mode (±20 mA).
Equation 4 can be used to calculate R2 given VD = ±400 mV, VIN = ±10 V, and R1 = 100 kΩ.
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com