Electronic Components Datasheet Search
  English  ▼

X  

INA826S Datasheet(PDF) 8 Page - Texas Instruments

Part # INA826S
Description  INA826S Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA826S Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA826S Datasheet HTML 4Page - Texas Instruments INA826S Datasheet HTML 5Page - Texas Instruments INA826S Datasheet HTML 6Page - Texas Instruments INA826S Datasheet HTML 7Page - Texas Instruments INA826S Datasheet HTML 8Page - Texas Instruments INA826S Datasheet HTML 9Page - Texas Instruments INA826S Datasheet HTML 10Page - Texas Instruments INA826S Datasheet HTML 11Page - Texas Instruments INA826S Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
0
5
10
15
20
25
30
Input Bias Current (nA)
C001
0
10
20
30
40
50
60
Input Offset Current (nA)
C001
0
5
10
15
20
25
30
35
Output Offset Voltage ( V)
C001
0
5
10
15
20
25
30
Output Offset Voltage Drift ( V/
ƒC)
C001
0
5
10
15
20
25
Input Offset Voltage ( V)
C001
0
5
10
15
20
25
30
Input Offset Voltage Drift ( V/
ƒC)
C001
8
INA826S
SBOS770A – MAY 2017 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA826S
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
1024 units
Figure 1. Typical Distribution of
Input Offset Voltage
5977 units
Figure 2. Typical Distribution of
Input Offset Voltage Drift
1024 units
Figure 3. Typical Distribution of
Output Offset Voltage
5977 units
Figure 4. Typical Distribution of
Output Offset Voltage Drift
1024 units
Figure 5. Typical Distribution of
Input Bias Current
1024 units
Figure 6. Typical Distribution of
Input Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com