Electronic Components Datasheet Search
  English  ▼

X  

INA848 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA848
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA848 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA848 Datasheet HTML 13Page - Texas Instruments INA848 Datasheet HTML 14Page - Texas Instruments INA848 Datasheet HTML 15Page - Texas Instruments INA848 Datasheet HTML 16Page - Texas Instruments INA848 Datasheet HTML 17Page - Texas Instruments INA848 Datasheet HTML 18Page - Texas Instruments INA848 Datasheet HTML 19Page - Texas Instruments INA848 Datasheet HTML 20Page - Texas Instruments INA848 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
8.3 Feature Description
8.3.1 Adjustable Gain Setting
Figure 8-1 shows that the gain of the INA849 is set by a single external resistor (RG) connected between the RG
pins (pins 2 and 3).
+
±
+
±
+
±
5 k
3 k
5 k
5 k
5 k
3 k
RG
REF
+VS
íVS
OUT
+V
S
íVS
íIN
+IN
O
IN
IN
REF
V
G V
V
V
RG
R
G
100 nF
100 nF
Figure 8-1. Simplified Diagram of the INA849 with Output Equation
The value of RG is selected according to the following equation:
G = 1+
6 NŸ
R
G
(1)
Table 8-1 lists several commonly used gains and resistor values. The 6-kΩ term in Equation 1 is a result of the
sum of the two internal 3-kΩ feedback resistors. These on-chip resistors are laser-trimmed to accurate, absolute
values. The accuracy and temperature coefficients of these resistors are included in the gain accuracy and drift
specifications of the INA849.
Table 8-1. Commonly Used Gains and Resistor Values
DESIRED GAIN (V/V)
STANDARD 1% RG (Ω)
CALCULATED GAIN
(V/V)
CALCULATED GAIN
ERROR (%)
1
Not connected
N/A
N/A
2
6.04 k
1.9933
0.33
5
1.50 k
5
0
10
665
10.022
–0.23
20
316
19.987
0.06
50
121
50.586
–1.17
100
60.4
100.337
–0.34
200
30.1
200.335
–0.17
500
12.1
496.867
0.63
1000
6.04
994.377
0.56
The 5-kΩ feedback resistors in the output stage are ratiometrically matched to achieve unity-gain stability. These
resistors may shift up to 15% depending on production.
As shown in Figure 8-1 and explained in more detail in Figure 11-1, make sure to connect low-ESR, 0.1-µF,
ceramic bypass capacitors between each supply pin and ground, placed as close to the device as possible.
www.ti.com
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com