Electronic Components Datasheet Search
  English  ▼

X  

INA848 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA848
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA848 Datasheet(HTML) 4 Page - Texas Instruments

  INA848 Datasheet HTML 1Page - Texas Instruments INA848 Datasheet HTML 2Page - Texas Instruments INA848 Datasheet HTML 3Page - Texas Instruments INA848 Datasheet HTML 4Page - Texas Instruments INA848 Datasheet HTML 5Page - Texas Instruments INA848 Datasheet HTML 6Page - Texas Instruments INA848 Datasheet HTML 7Page - Texas Instruments INA848 Datasheet HTML 8Page - Texas Instruments INA848 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
Single supply, VS = (+VS)
40
V
Dual supply, VS = (+VS) – (–VS)
±20
VI
Signal input pins
Voltage
(–VS ) – 0.5
(+VS) + 0.5
V
Current
–10
+10
mA
Signal differential input voltage
Gain ≤ 4
–VS
+VS
V
4 < Gain < 50
(–VS) / Gain
(+VS) / Gain
Gain > 50
–1 V
+1 V
VREF
Reference input voltage
(–VS ) – 0.5
(+VS) + 0.5
V
VO
Signal output voltage
(–VS) – 0.5
(+VS) + 0.5
V
IS
Output short-circuit(2)
Continuous
TA
Operating temperature(3)
–40
125
°C
TJ
Junction temperature(3)
–40
175
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Short-circuit to VS / 2.
(3)
As a result of the quiescent current, the supply voltage and load-dependent self-heating of the device must be considered.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
Single supply, VS = (+VS)
8
36
V
Dual supply, VS = (+VS) – (–VS)
±4
±18
TA
Specified temperature
–40
125
°C
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com