Electronic Components Datasheet Search
  English  ▼

X  

ISO6760 Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO6760
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6760 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO6760 Datasheet HTML 24Page - Texas Instruments ISO6760 Datasheet HTML 25Page - Texas Instruments ISO6760 Datasheet HTML 26Page - Texas Instruments ISO6760 Datasheet HTML 27Page - Texas Instruments ISO6760 Datasheet HTML 28Page - Texas Instruments ISO6760 Datasheet HTML 29Page - Texas Instruments ISO6760 Datasheet HTML 30Page - Texas Instruments ISO6760 Datasheet HTML 31Page - Texas Instruments ISO6760 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
8.3 Feature Description
Device Features provides an overview of the device features.
Table 8-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA
RATE
DEFAULT
OUTPUT
PACKAGE
RATED ISOLATION(1)
ISO6760
6 Forward, 0 Reverse
50 Mbps
High
DW-16
5000 VRMS / 7071 VPK
ISO6760F
6 Forward, 0 Reverse
50 Mbps
Low
DW-16
5000 VRMS / 7071 VPK
ISO6761
5 Forward, 1 Reverse
50 Mbps
High
DW-16
5000 VRMS / 7071 VPK
ISO6761F
5 Forward, 1 Reverse
50 Mbps
Low
DW-16
5000 VRMS / 7071 VPK
ISO6762
4 Forward, 2 Reverse
50 Mbps
High
DW-16
5000 VRMS / 7071 VPK
ISO6762F
4 Forward, 2 Reverse
50 Mbps
Low
DW-16
5000 VRMS / 7071 VPK
ISO6763
3 Forward, 3 Reverse
50 Mbps
High
DW-16
5000 VRMS / 7071 VPK
ISO6763F
3 Forward, 3 Reverse
50 Mbps
Low
DW-16
5000 VRMS / 7071 VPK
(1)
See for detailed isolation ratings.
8.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 32. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO676x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
• Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
• Low-resistance connectivity of ESD cells to supply and ground pins.
• Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
• Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
• PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
• Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com