Electronic Components Datasheet Search
  English  ▼

X  

ISO6760 Datasheet(PDF) 39 Page - Texas Instruments

Part # ISO6760
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6760 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO6760 Datasheet HTML 35Page - Texas Instruments ISO6760 Datasheet HTML 36Page - Texas Instruments ISO6760 Datasheet HTML 37Page - Texas Instruments ISO6760 Datasheet HTML 38Page - Texas Instruments ISO6760 Datasheet HTML 39Page - Texas Instruments ISO6760 Datasheet HTML 40Page - Texas Instruments ISO6760 Datasheet HTML 41Page - Texas Instruments ISO6760 Datasheet HTML 42Page - Texas Instruments ISO6760 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.75)
R0.05 TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(9.3)
14X (1.27)
R0.05 TYP
16X (1.65)
16X (0.6)
14X (1.27)
16X (2)
16X (0.6)
4221009/B 07/2016
SYMM
SOIC - 2.65 mm max height
DW0016B
SOIC
SYMM
SEE
DETAILS
1
8
9
16
SYMM
HV / ISOLATION OPTION
8.1 mm CLEARANCE/CREEPAGE
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
OPENING
SOLDER MASK
METAL
SOLDER MASK
DEFINED
SCALE:4X
LAND PATTERN EXAMPLE
SYMM
1
8
9
16
IPC-7351 NOMINAL
7.3 mm CLEARANCE/CREEPAGE
SEE
DETAILS
www.ti.com
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com