Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 33 Page - Texas Instruments

Part # ISO7140FCC
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCC Datasheet(HTML) 33 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 28Page - Texas Instruments ISO7140FCC Datasheet HTML 29Page - Texas Instruments ISO7140FCC Datasheet HTML 30Page - Texas Instruments ISO7140FCC Datasheet HTML 31Page - Texas Instruments ISO7140FCC Datasheet HTML 32Page - Texas Instruments ISO7140FCC Datasheet HTML 33Page - Texas Instruments ISO7140FCC Datasheet HTML 34Page - Texas Instruments ISO7140FCC Datasheet HTML 35Page - Texas Instruments ISO7140FCC Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
-.244
.228
-6.19
5.80
[
]
.069 MAX
[1.75]
14X .0250
[0.635]
16X
-.012
.008
-0.30
0.21
[
]
2X
.175
[4.45]
TYP
-.010
.005
-0.25
0.13
[
]
0 - 8
-.010
.004
-0.25
0.11
[
]
(.041 )
[1.04]
.010
[0.25]
GAGE PLANE
-.035
.016
-0.88
0.41
[
]
A
NOTE 3
-.197
.189
-5.00
4.81
[
]
B
NOTE 4
-.157
.150
-3.98
3.81
[
]
SSOP - 1.75 mm max height
DBQ0016A
SHRINK SMALL-OUTLINE PACKAGE
4214846/A 03/2014
NOTES:
1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches.
Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed .006 inch, per side.
4. This dimension does not include interlead flash.
5. Reference JEDEC registration MO-137, variation AB.
1
16
.007 [0.17]
C A
B
9
8
PIN 1 ID AREA
SEATING PLANE
.004 [0.1] C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com