Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7140FCC
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments ISO7140FCC Datasheet HTML 10Page - Texas Instruments ISO7140FCC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
6.8 Electrical Characteristics: VCC1 and VCC2 at 2.7 V
VCC1 and VCC2 at 2.7 V (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –2 mA; see Figure 10
VCCO
(1) – 0.3
2.5
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 10
VCCO
(1) – 0.1
2.7
IOL = 4 mA; see Figure 10
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 10
0
0.1
VI(HYS)
Input threshold voltage hysteresis
350
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 13
25
50
kV/
μs
(1)
VCCO is the supply voltage, VCC1 or VCC2, for the output channel that is being measured.
6.9 Switching Characteristics: VCC1 and VCC2 at 5 V ±10%
VCC1 and VCC2 at 5 V ±10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tPLH, tPHL Propagation delay time
12
19
35
See Figure 10
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
3
Same-direction
2
channels
tsk(o)
(2)
Channel-to-channel output skew time
ns
Opposite-direction
4
channels
tsk(pp)
(3)
Part-to-part skew time
12
ns
tr
Output signal rise time
2
ns
See Figure 10
tf
Output signal fall time
2
ns
tPHZ, tPLZ Disable propagation delay, high/low-to-high impedance output
6
10
ns
See Figure 11
tPZH, tPZL Enable propagation delay, high impedance-to-high/low output
5
10
ns
tfs
Fail-safe output delay time from input data or power loss
See Figure 12
9.5
μs
tGR
Input glitch rejection time
11
ns
(1)
Also known as pulse skew
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals, and loads.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com