Electronic Components Datasheet Search
  English  ▼

X  

ISO7710 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO7710
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7710 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO7710 Datasheet HTML 28Page - Texas Instruments ISO7710 Datasheet HTML 29Page - Texas Instruments ISO7710 Datasheet HTML 30Page - Texas Instruments ISO7710 Datasheet HTML 31Page - Texas Instruments ISO7710 Datasheet HTML 32Page - Texas Instruments ISO7710 Datasheet HTML 33Page - Texas Instruments ISO7710 Datasheet HTML 34Page - Texas Instruments ISO7710 Datasheet HTML 35Page - Texas Instruments ISO7710 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
14X 1.27
16X
0.51
0.31
2X
8.89
TYP
0.33
0.10
0 - 8
0.3
0.1
(1.4)
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
10.5
10.1
B
NOTE 4
7.6
7.4
4221009/B 07/2016
SOIC - 2.65 mm max height
DW0016B
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm, per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side.
5. Reference JEDEC registration MS-013.
1
16
0.25
C A
B
9
8
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
TYPICAL
DETAIL A
SCALE 1.500
ISO7710
SLLSER9E – NOVEMBER 2016 – REVISED DECEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com