Electronic Components Datasheet Search
  English  ▼

X  

ISO7710 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7710
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7710 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7710 Datasheet HTML 4Page - Texas Instruments ISO7710 Datasheet HTML 5Page - Texas Instruments ISO7710 Datasheet HTML 6Page - Texas Instruments ISO7710 Datasheet HTML 7Page - Texas Instruments ISO7710 Datasheet HTML 8Page - Texas Instruments ISO7710 Datasheet HTML 9Page - Texas Instruments ISO7710 Datasheet HTML 10Page - Texas Instruments ISO7710 Datasheet HTML 11Page - Texas Instruments ISO7710 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
5.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW-16
D-8
IEC 60664-1
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
8
4
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the package surface
8
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
17
17
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
>600 >600
V
Material Group
According to IEC 60664-1
I
I
Overvoltage category per IEC
60664-1
Rated mains voltage ≤ 150 VRMS
I–IV
I-IV
Rated mains voltage ≤ 300 VRMS
I–IV
I-III
Rated mains voltage ≤ 600 VRMS
I–IV
n/a
Rated mains voltage ≤ 1000 VRMS
I-III
n/a
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
2121 637
VPK
VIOWM
Maximum working isolation
voltage
AC voltage; time-dependent dielectric breakdown (TDDB) test, see
Section 8.2.3.1
1500 450
VRMS
DC voltage
2121 637
VDC
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM , t = 60 s (qualification);
VTEST = 1.2 × VIOTM, t = 1 s (100% production)
8000 4242
VPK
VIMP
Maximum impulse voltage(3)
Tested in air, 1.2/50-μs waveform per IEC 62368-1
8000 5000
VPK
VIOSM
Maximum surge isolation
voltage(4)
VIOSM ≥ 1.3 x VIMP; Tested in oil (qualification test),
1.2/50-µs waveform per IEC 62368-1
12800 10000
VPK
qpd
Apparent charge(5)
Method a: After I/O safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.2 × VIORM, tm = 10 s
≤ 5
≤ 5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 × VIORM, tm = 10 s
≤ 5
≤ 5
Method b: At routine test (100% production) and preconditioning
(type test);
Vini = 1.2 x VIOTM, tini = 1 s;
Vpd(m) = 1.875 x VIORM (ISO7710), tm = 1 s (method b1) or
Vpd(m) = Vini, tm = tini (method b2)
≤ 5
≤ 5
CIO
Barrier capacitance, input to
output(6)
VIO = 0.4 × sin (2 πft), f = 1 MHz
≅0.4 ≅0.4
pF
RIO
Insulation resistance(6)
VIO = 500 V, TA = 25°C
> 1012 > 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
> 1011 > 1011
VIO = 500 V at TS = 150°C
> 109 > 109
Pollution degree
2
2
Climatic category
55/125/
21
55/125/
21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO , t = 60 s (qualification);
VTEST = 1.2 × VISO, t = 1 s (100% production)
5000 3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care must be taken to maintain the creepage and clearance distance of a board design to verify that the mounting pads of the isolator
on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain
cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these specifications.
(2)
This coupler is designed for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured
by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package
ISO7710
SLLSER9E – NOVEMBER 2016 – REVISED DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com