Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7740
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 4Page - Texas Instruments ISO7740 Datasheet HTML 5Page - Texas Instruments ISO7740 Datasheet HTML 6Page - Texas Instruments ISO7740 Datasheet HTML 7Page - Texas Instruments ISO7740 Datasheet HTML 8Page - Texas Instruments ISO7740 Datasheet HTML 9Page - Texas Instruments ISO7740 Datasheet HTML 10Page - Texas Instruments ISO7740 Datasheet HTML 11Page - Texas Instruments ISO7740 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
ISO774x
UNIT
DW (SOIC)
DBQ (QSOP)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
83.4
109
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
46
54.4
°C/W
RθJB
Junction-to-board thermal resistance
48
51.9
°C/W
ψJT
Junction-to-top characterization parameter
19.1
14.2
°C/W
ψJB
Junction-to-board characterization parameter
47.5
51.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7740
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 50-MHz 50% duty cycle
square wave
210
mW
PD1
Maximum power dissipation (side-1)
45
mW
PD2
Maximum power dissipation (side-2)
165
mW
ISO7741
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 50-MHz 50% duty cycle
square wave
210
mW
PD1
Maximum power dissipation (side-1)
75
mW
PD2
Maximum power dissipation (side-2)
135
mW
ISO7742
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 50-MHz 50% duty cycle
square wave
210
mW
PD1
Maximum power dissipation (side-1)
105
mW
PD2
Maximum power dissipation (side-2)
105
mW
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com