Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7740
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 5Page - Texas Instruments ISO7740 Datasheet HTML 6Page - Texas Instruments ISO7740 Datasheet HTML 7Page - Texas Instruments ISO7740 Datasheet HTML 8Page - Texas Instruments ISO7740 Datasheet HTML 9Page - Texas Instruments ISO7740 Datasheet HTML 10Page - Texas Instruments ISO7740 Datasheet HTML 11Page - Texas Instruments ISO7740 Datasheet HTML 12Page - Texas Instruments ISO7740 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
5.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW-16 DBQ-16
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
>8
>3.7
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the package surface
>8
>3.7
mm
DTI
Distance through the
insulation
Minimum internal gap (internal clearance)
>17
>17
μm
CTI
Comparative tracking index DIN EN 60112 (VDE 0303-11); IEC 60112
>600
>600
V
Material group
According to IEC 60664-1
I
I
Overvoltage category per
IEC 60664-1
Rated mains voltage ≤ 300 VRMS
I-IV
I-III
Rated mains voltage ≤ 600 VRMS
I-IV
n/a
Rated mains voltage ≤ 1000 VRMS
I-III
n/a
DIN EN IEC 60747-17 (VDE 0884-17) (2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
ISO774x
2121
566
VPK
ISO7741B
1414
n/a
VPK
VIOWM
Maximum working isolation
voltage
AC voltage; Time dependent dielectric breakdown
(TDDB) Test; See Figure 8-7
ISO774x
1500
400
VRMS
ISO7741B
1000
n/a
DC voltage
ISO774x
2121
566
VDC
ISO7741B
1414
n/a
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM,
t = 60 s (qualification);
VTEST = 1.2 x VIOTM,
t= 1 s (100% production)
8000
4242
VPK
VIMP
Maximum impulse voltage(3)
Tested in air, 1.2/50-μs waveform per IEC
62368-1
ISO774x
8000
5000
VPK
ISO7741B
6000
n/a
VIOSM
Maximum surge isolation
voltage(4)
VIOSM ≥ 1.3 x VIMP; Tested in oil (qualification
test), 1.2/50-μs waveform per IEC 62368-1
ISO774x
12800 10000
VPK
ISO7741B
7800
n/a
qpd
Apparent charge(5)
Method a, After Input-output safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.2 x VIORM, tm = 10 s
≤5
≤5
pC
Method a, After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 x VIORM,
tm = 10 s (ISO774x)
≤5
≤5
Vpd(m) = 1.3 x VIORM,
tm = 10 s (ISO7741B)
Method b: At routine test (100% production) and preconditioning (type
test);
Vini = 1.2 x VIOTM, tini = 1 s;
Vpd(m) = 1.875 x VIORM (ISO774x) or Vpd(m) = 1.5 x VIORM (ISO7741B),
tm = 1 s (method b1) or
Vpd(m) = Vini, tm = tini (method b2)
≤5
≤5
CIO
Barrier capacitance, input to
output(6)
VIO = 0.4 x sin (2πft), f = 1 MHz
≅1
≅1
pF
RIO
Isolation resistance(6)
VIO = 500 V, TA = 25°C
>1012
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
>1011
VIO = 500 V at TS = 150°C
>109
>109
Pollution degree
2
2
Climatic category
55/125/
21
55/125/
21
UL 1577
www.ti.com
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com