Electronic Components Datasheet Search
  English  ▼

X  

ISO7710FDR Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO7710FDR
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7710FDR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO7710FDR Datasheet HTML 20Page - Texas Instruments ISO7710FDR Datasheet HTML 21Page - Texas Instruments ISO7710FDR Datasheet HTML 22Page - Texas Instruments ISO7710FDR Datasheet HTML 23Page - Texas Instruments ISO7710FDR Datasheet HTML 24Page - Texas Instruments ISO7710FDR Datasheet HTML 25Page - Texas Instruments ISO7710FDR Datasheet HTML 26Page - Texas Instruments ISO7710FDR Datasheet HTML 27Page - Texas Instruments ISO7710FDR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
200
1200
2200
3200
4200
5200
6200
50 %
Applied Voltage (VRMS)
54 years
36 years
20%
20%
VDE safety margin zone
Operating zone
TDDB (<1ppm fail rate)
Figure 8-5. Insulation Lifetime Projection Data
8.3 Power Supply Recommendations
To help provide reliable operation at data rates and supply voltages, a 0.1-μF bypass capacitor is recommended
at the input and output supply pins (VCC1 and VCC2). The capacitors must be placed as close to the supply
pins as possible. If only a single primary-side power supply is available in an application, isolated power can
be generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501
or SN6505A . For such applications, detailed power supply design and transformer selection recommendations
are available in SN6501 Transformer Driver for Isolated Power Supplies or SN6505 Low-Noise 1-A Transformer
Drivers for Isolated Power Supplies .
8.4 Layout
8.4.1 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 8-6). Layer stacking must
be in the following order (top-to-bottom): high-speed signal layer, ground plane, power plane and low-frequency
signal layer.
• Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of their
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
• Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
• Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/in2.
• Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
If an additional supply voltage plane or signal layer is needed, add a second power or ground plane system
to the stack to keep the planes symmetrical.. This makes the stack mechanically stable and prevents warping.
Also the power and ground plane of each power system can be placed closer together, thus increasing the
high-frequency bypass capacitance significantly.
For detailed layout recommendations, refer to the Digital Isolator Design Guide.
ISO7710
SLLSER9E – NOVEMBER 2016 – REVISED DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com