Electronic Components Datasheet Search
  English  ▼

X  

ISO7710FDR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7710FDR
Description  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7710FDR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7710FDR Datasheet HTML 1Page - Texas Instruments ISO7710FDR Datasheet HTML 2Page - Texas Instruments ISO7710FDR Datasheet HTML 3Page - Texas Instruments ISO7710FDR Datasheet HTML 4Page - Texas Instruments ISO7710FDR Datasheet HTML 5Page - Texas Instruments ISO7710FDR Datasheet HTML 6Page - Texas Instruments ISO7710FDR Datasheet HTML 7Page - Texas Instruments ISO7710FDR Datasheet HTML 8Page - Texas Instruments ISO7710FDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
1 Features
• 100Mbps data rate
• Robust isolation barrier:
– >30-year projected lifetime at 1500VRMS
working voltage
– Up to 5000VRMS isolation rating
– Up to 12.8kV surge capability
– ±100kV/μs typical CMTI
• Wide supply range: 2.25V to 5.5V
• 2.25V to 5.5V Level translation
• Default output high (ISO7710) and low (ISO7710F)
options
• Wide temperature range: –55°C to 125°C
• Low power consumption, typical 1.7mA at
1Mbps
• Low propagation delay: 11ns Typical
(5V Supplies)
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– ±8kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16) and narrow-SOIC (D-8)
package options
• Automotive version available: ISO7710-Q1
• Safety-related Certifications
– VDE reinforced insulation per DIN EN IEC
60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1 certifications
2 Applications
• Industrial automation
• Motor control
• Power supplies
• Solar inverters
• Medical equipment
3 Description
The ISO7710 device is a high-performance, single-
channel digital isolator with 5000VRMS (DW package)
and 3000VRMS (D package) isolation ratings per UL
1577. This device is also certified by VDE, TUV, CSA,
and CQC.
The ISO7710 device provides high electromagnetic
immunity
and
low
emissions
at
low
power
consumption, while isolating CMOS or LVCMOS
digital I/Os. The isolation channel has a logic input
and output buffer separated by a double capacitive
silicon dioxide (SiO2) insulation barrier. In the event
of input power or signal loss, default output is high
for a device without suffix F and low for a device with
suffix F. See the Device Functional Modes section for
further details.
Used in conjunction with isolated power supplies, the
device helps prevent noise currents on data buses,
such as RS-485, RS-232, and CAN , or other circuits
from entering the local ground and interfering with or
damaging sensitive circuitry. Through innovative chip
design and layout techniques, the electromagnetic
compatibility of the ISO7710 device has been
significantly enhanced to ease system-level ESD,
EFT, surge, and emissions compliance. The ISO7710
device is available in 16-pin SOIC wide-body (DW)
and 8-pin SOIC narrow-body (D) packages.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE
SIZE(2)
BODY SIZE (NOM)
ISO7710
SOIC (D)
4.90mm × 6mm
4.90mm × 3.91mm
SOIC (DW)
10.30mm ×
10.30mm
10.30mm ×
7.50mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OUT
GND2
GND1
IN
VCC2
VCC1
Series Isolation
Capacitors
Copyright © 2019, Texas Instruments Incorporated
Simplified Schematic
ISO7710
SLLSER9E – NOVEMBER 2016 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7710FDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7710FDR TI1-ISO7710FDR Datasheet
566Kb / 32P
ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
More results

Similar Description - ISO7710FDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7710 TI1-ISO7710 Datasheet
566Kb / 32P
ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7741E-Q1 TI1-ISO7741E-Q1 Datasheet
1Mb / 31P
ISO7741E-Q1 Grade 0, High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com