Electronic Components Datasheet Search
  English  ▼

X  

ISO7842 Datasheet(PDF) 15 Page - Texas Instruments

Part # ISO7842
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO7842 Datasheet HTML 11Page - Texas Instruments ISO7842 Datasheet HTML 12Page - Texas Instruments ISO7842 Datasheet HTML 13Page - Texas Instruments ISO7842 Datasheet HTML 14Page - Texas Instruments ISO7842 Datasheet HTML 15Page - Texas Instruments ISO7842 Datasheet HTML 16Page - Texas Instruments ISO7842 Datasheet HTML 17Page - Texas Instruments ISO7842 Datasheet HTML 18Page - Texas Instruments ISO7842 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
5.19 Typical Characteristics
Data Rate (Mbps)
0
25
50
75
100
125
150
0
4
8
12
16
20
24
D001
ICC1 at 2.5V
ICC2 at 2.5V
ICC1 at 3.3V
ICC2 at 3.3V
ICC1 at 5.0V
ICC2 at 5.0V
TA = 25°C
CL = 15pF
Figure 5-5. Supply Current vs Data Rate (With 15pF
Load)
Data Rate (Mbps)
0
25
50
75
100
125
150
0
2
4
6
8
10
D002
ICC1 at 2.5V
ICC2 at 2.5V
ICC1 at 3.3V
ICC2 at 3.3V
ICC1 at 5.0V
ICC2 at 5.0V
TA = 25°C
CL = No Load
Figure 5-6. Supply Current vs Data Rate (With No
Load)
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
D003
VCC at 2.5V
VCC at 3.3V
VCC at 5.0V
TA = 25°C
Figure 5-7. High-Level Output Voltage vs High-level
Output Current
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D004
D001
VCC at 2.5V
VCC at 3.3V
VCC at 5.0V
TA = 25°C
Figure 5-8. Low-Level Output Voltage vs Low-Level
Output Current
Free-Air Temperature (oC)
-50
0
50
100
150
1.7
1.75
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
D005
VCC1 Rising
VCC1 Falling
VCC2 Rising
VCC2 Falling
Figure 5-9. Power Supply Undervoltage Threshold
vs Free-Air Temperature
Free-Air Temperature (oC)
-60
-30
0
30
60
90
120
8
9
10
11
12
13
D006
tPLH at 2.5V
tPHL at 2.5V
tPLH at 3.3V
tPHL at 3.3V
tPLH at 5.0V
tPHL at 5.0V
Figure 5-10. Propagation Delay Time vs Free-Air
Temperature
www.ti.com
ISO7842, ISO7842F
SLLSEJ0I – OCTOBER 2014 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com