Electronic Components Datasheet Search
  English  ▼

X  

ISO7842DW Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO7842DW
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842DW Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7842DW Datasheet HTML 16Page - Texas Instruments ISO7842DW Datasheet HTML 17Page - Texas Instruments ISO7842DW Datasheet HTML 18Page - Texas Instruments ISO7842DW Datasheet HTML 19Page - Texas Instruments ISO7842DW Datasheet HTML 20Page - Texas Instruments ISO7842DW Datasheet HTML 21Page - Texas Instruments ISO7842DW Datasheet HTML 22Page - Texas Instruments ISO7842DW Datasheet HTML 23Page - Texas Instruments ISO7842DW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
7.4.1 Device I/O Schematics
Input (Device Without Suffix F)
Output
Enable
OUTx
VCCO
≅20W
INx
1.5MW
985W
Input (Device With Suffix F)
VCCI
VCCI
VCCI
INx
1.5MW
985W
VCCI
VCCI
VCCI VCCI
Enx
2MW
1970W
VCCO
VCCO
VCCO VCCO
Figure 7-3. Device I/O Schematics
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The ISO7842 device is a high-performance, quad-channel digital isolator with a 5.7kVRMS isolation voltage per
UL 1577. The device comes with enable pins on each side that can be used to put the respective outputs in
high impedance for multi-controller driving applications and reduce power consumption. The ISO7842 device
uses single-ended CMOS-logic switching technology. The supply voltage range is from 2.25V to 5.5V for both
supplies, VCC1 and VCC2. When designing with digital isolators, keep in mind that because of the single-ended
design structure, digital isolators do not conform to any specific interface standard and are only intended for
isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data
controller (that is, μC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
8.2 Typical Application
Figure 8-1 shows the typical isolated RS-232 interface implementation.
ISO7842, ISO7842F
SLLSEJ0I – OCTOBER 2014 – REVISED JULY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com