Electronic Components Datasheet Search
  English  ▼

X  

ISO7842DW Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7842DW
Description  ISO7842x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7842DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7842DW Datasheet HTML 3Page - Texas Instruments ISO7842DW Datasheet HTML 4Page - Texas Instruments ISO7842DW Datasheet HTML 5Page - Texas Instruments ISO7842DW Datasheet HTML 6Page - Texas Instruments ISO7842DW Datasheet HTML 7Page - Texas Instruments ISO7842DW Datasheet HTML 8Page - Texas Instruments ISO7842DW Datasheet HTML 9Page - Texas Instruments ISO7842DW Datasheet HTML 10Page - Texas Instruments ISO7842DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
in certain cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these
specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured
by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier tied together creating a two-terminal device.
5.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
62368-1 and IEC 60601-1
Certified according to
UL 1577 Component
Recognition Program
Certified according to GB
4943.1
Certified according to EN 61010-1 and
EN 62368-1
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certificate number:
CQC15001121716
Client ID number: 77311
5.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply
current
RθJA = 78.9°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C
288
mA
RθJA = 78.9°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C
440
RθJA = 78.9°C/W, VI = 2.75V, TJ = 150°C, TA = 25°C
576
PS
Safety input, output, or total
power
RθJA = 78.9°C/W, TJ = 150°C, TA = 25°C
1584
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Section 5.4 is that of a device
installed on a high-K test board for leaded surface-mount packages. The power is the recommended maximum
input voltage times the current. The junction temperature is then the ambient temperature plus the power times
the junction-to-air thermal resistance.
www.ti.com
ISO7842, ISO7842F
SLLSEJ0I – OCTOBER 2014 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO7842 ISO7842F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com