Electronic Components Datasheet Search
  English  ▼

X  

MJS6-60B Datasheet(PDF) 10 Page - ABB

Part # MJS6-60B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MJS6-60B Datasheet(HTML) 10 Page - ABB

Back Button MJS6-60B Datasheet HTML 6Page - ABB MJS6-60B Datasheet HTML 7Page - ABB MJS6-60B Datasheet HTML 8Page - ABB MJS6-60B Datasheet HTML 9Page - ABB MJS6-60B Datasheet HTML 10Page - ABB MJS6-60B Datasheet HTML 11Page - ABB MJS6-60B Datasheet HTML 12Page - ABB MJS6-60B Datasheet HTML 13Page - ABB MJS6-60B Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10 | 1SFC151006C0201 | Pilot devices core offering catalog
ML1-100R
How to order:
See page "Assemblies" on page 14.
Color
Type
Order code
Pkg
qty
Pilot lights
l
Red
ML1-100R
1SFA611400R1001
10
l
Green
ML1-100G
1SFA611400R1002
10
l
Yellow
ML1-100Y
1SFA611400R1003
10
l
Blue
ML1-100L
1SFA611400R1004
10
l
White
ML1-100W
1SFA611400R1005
10
l
Clear
ML1-100C
1SFA611400R1008
10
MPET3-10R
How to order:
See page "Assemblies" on page 14.
Description
Release method
Type
Order code
Pkg
qty
Ø 30 mm
l
Red
Twist release
MPET3-10R
1SFA611520R1001
1
Ø 40 mm
l
Red
Twist release
MPET4-10R
1SFA611523R1001
1
l
Red
Pull release
MPEP4-10R
1SFA611524R1001
1
l
Red
Key release code 71/ronis 455
MPEK4-11R
1SFA611525R1101
1
Ø 60 mm
l
Red
Twist release
MPMT4-10R
1SFA611513R1001
1
MPET4-10R
MPEP4-10R
MPMT4-10R
MPMT4-11R
MPMT3-11R
ML1-100G
ML1-100Y
ML1-100L
ML1-100C
Modular range
Non-illuminated emergency stop pushbuttons
Illuminated emergency stop pushbuttons
Pilot lights
How to order:
See page "Assemblies" on page 14.
Description
Release method
Type
Order code
Pkg
qty
Ø 40 mm
l
Red
Twist release
MPMT3-11R
1SFA611510R1101
1
Ø 60 mm
l
Red
Twist release
MPMT4-11R
1SFA611513R1101
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com