Electronic Components Datasheet Search
  English  ▼

X  

MJS6-60B Datasheet(PDF) 11 Page - ABB

Part # MJS6-60B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MJS6-60B Datasheet(HTML) 11 Page - ABB

Back Button MJS6-60B Datasheet HTML 7Page - ABB MJS6-60B Datasheet HTML 8Page - ABB MJS6-60B Datasheet HTML 9Page - ABB MJS6-60B Datasheet HTML 10Page - ABB MJS6-60B Datasheet HTML 11Page - ABB MJS6-60B Datasheet HTML 12Page - ABB MJS6-60B Datasheet HTML 13Page - ABB MJS6-60B Datasheet HTML 14Page - ABB MJS6-60B Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 11
How to order:
See page "Assemblies" on page 14.
Description
Color
Bezel
Type
Order code
Pkg
qty
2 position, short handle
Maintained
l
Black
Black plastic
M2SS1-10B
1SFA611200R1006
10
Maintained
l
Black
Black plastic
M2SS2-10B
1SFA611201R1006
10
l
Black
Chrome plastic
M2SS2-20B
1SFA611201R2006
10
l
Black
Chrome metal
M2SS2-30B
1SFA611201R3006
10
3 position, short handle
Maintained
l
Black
Black plastic
M3SS1-10B
1SFA611210R1006
10
l
Black
Chrome plastic
M3SS1-20B
1SFA611210R2006
10
l
Black
Chrome metal
M3SS1-30B
1SFA611210R3006
10
Momentary, spring return from
A to B and from C to B
l
Black
Black plastic
M3SS2-10B
1SFA611211R1006
10
Momentary, spring return from
C to B
l
Black
Black plastic
M3SS2-10B
1SFA611212R1006
10
Momentary, spring return from
A to B
l
Black
Black plastic
M3SS7-10B
1SFA611216R1006
10
2-position, long handle
Maintained
l
Black
Black plastic
M2SS4-10B
1SFA611203R1006
10
Maintained
l
Black
Black plastic
M2SS5-10B
1SFA611204R1006
10
3-position, long handle
Maintained
l
Black
Black plastic
M3SS4-10B
1SFA611213R1006
10
M2SS1-10B
M2SS4-10B
M2SS1-11G
Modular range
Non-illuminated selector switches
Illuminated selector switches
How to order:
See page "Assemblies" on page 14.
Description
Color
Bezel
Type
Order code
Pkg
qty
2-position, short handle
Maintained
l
Green
Black plastic
M2SS1-11G
1SFA611200R1102
10
Maintained
l
Green
Black plastic
M2SS2-11G
1SFA611201R1102
10
3-position, short handle
Maintained
l
Green
Black plastic
M3SS1-11G
1SFA611210R1102
10
For more pilot devices products
please see the complete catalog
1SFC151005C0201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com