Electronic Components Datasheet Search
  English  ▼

X  

ADW Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ADW
Description  1 Form A 8A/16A, Small Polarized Power Relays (latching type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADW Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ADW Datasheet HTML 1Page - Panasonic Semiconductor ADW Datasheet HTML 2Page - Panasonic Semiconductor ADW Datasheet HTML 3Page - Panasonic Semiconductor ADW Datasheet HTML 4Page - Panasonic Semiconductor ADW Datasheet HTML 5Page - Panasonic Semiconductor ADW Datasheet HTML 6Page - Panasonic Semiconductor ADW Datasheet HTML 7Page - Panasonic Semiconductor ADW Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DW (ADW1)
–4–
ASCTB8E 201603-T
REFERENCE DATA
■ Standard type and Inrush type
1. Max. switching capacity (AC resistive load)
■ Standard type
1. Set time (1 coil latching type)
Tested sample: ADW1106, 15 pcs
Ambient temperature: 28
°C 82.4°F
Contact load: 5V DC, 10mA
2. Reset time (1 coil latching type)
Tested sample: ADW1106, 15 pcs
Ambient temperature: 28
°C 82.4°F
Contact load: 5V DC, 10mA
1000
1
100
10
8
1
10
100
250
Contact voltage, V
Inrush type
Standard type
Max.
Min.
130
120
110
100
90
80
70
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Coil applied voltage, %V
Max.
Min.
130
120
110
100
90
80
70
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Coil applied voltage, %V
3. Ambient temperature characteristics
Tested sample: ADW1106, 6pcs
Ambient temperature: –40
°C to +85°C
–40
°F to +185°F
■ Inrush type
1. Set time (1 coil latching type)
Tested sample: ADW1112HL, 30 pcs
Ambient temperature: 28
°C 82.4°F
Contact load: 5V DC, 10mA
2. Reset time (1 coil latching type)
Tested sample: ADW1112HL, 30 pcs
Ambient temperature: 28
°C 82.4°F
Contact load: 5V DC, 10mA
Ave.
Ave.
100
-60
-40 -20
0
80
60
40
20
Reset voltage
Set voltage
-30
-20
-10
10
20
30
Ambient
temperature,
°C
130 140 150 160
120
110
100
90
80
70
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Coil applied voltage, %V
Max.
Min.
130 140 150 160
120
110
100
90
80
70
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Coil applied voltage, %V
Max.
Min.
3. Set time (2 coil latching type)
Tested sample: ADW1212HL, 30 pcs
Ambient temperature: 28
°C 82.4°F
Contact load: 5V DC, 10mA
4. Reset time (2 coil latching type)
Tested sample: ADW1212HL, 30 pcs
Ambient temperature: 28
°C 82.4°F
Contact load: 5V DC, 10mA
5. Ambient temperature characteristics
Tested sample: ADW1105HL, 6pcs
Ambient temperature: –40
°C to +85°C
–40
°F to +185°F
130 140 150 160
120
110
100
90
80
70
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Coil applied voltage, %V
Max.
Min.
130 140 150 160
120
110
100
90
80
70
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Coil applied voltage, %V
Max.
Min.
Ave.
Ave.
100
-60
-40 -20
0
80
60
40
20
Set voltage
-30
-20
-10
10
20
30
Ambient
temperature,
°C
Reset voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com