Electronic Components Datasheet Search
  English  ▼

X  

ADW Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ADW
Description  1 Form A 8A/16A, Small Polarized Power Relays (latching type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADW Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ADW Datasheet HTML 1Page - Panasonic Semiconductor ADW Datasheet HTML 2Page - Panasonic Semiconductor ADW Datasheet HTML 3Page - Panasonic Semiconductor ADW Datasheet HTML 4Page - Panasonic Semiconductor ADW Datasheet HTML 5Page - Panasonic Semiconductor ADW Datasheet HTML 6Page - Panasonic Semiconductor ADW Datasheet HTML 7Page - Panasonic Semiconductor ADW Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
–1–
ASCTB8E 201603-T
ORDERING INFORMATION
1 Form A 8A/16A,
Small Polarized Power
Relays (latching type)
DW RELAYS (ADW1)
Protective construction: Flux-resistant
type
Reflow
compatible type
(Standard type)
IEC60335-1
compliant type
(Standard & Inrush type)
Low profile type
(Inrush type)
RoHS compliant
FEATURES
1. Low profile type available
(h = 15.8 mm .622 inch)
2. Inrush type available
(TV-8 UL/C-UL approved)
3. IEC60335-1* compliant type
available
(PTI 325V VDE approved)
4. Reflow possible (pin-in-paste)
5. Certified by UL/C-UL, VDE
* Common safety standard for major electrical
appliance
TYPICAL APPLICATIONS
1. Lighting control equipment
2. Smart meters
3. Industrial equipment
4. Security equipment
5. Home appliances
6. Various power supplies
New
ADW
1
W
Operating function
1: 1 coil latching type
2: 2 coil latching type
Nominal coil voltage (DC)
03: 3V, 05: 5V, 06: 6V, 09: 9V, 12: 12V, 24: 24V
Type classification
Nil:
L:
T:
Reflow compatible type
Low profile type
IEC60335-1 compliant type
Contact capacity
Nil:
H:
Standard type (8A)
Inrush type (16A, Inrush current 100A)
Contact arrangement
1: 1 Form A
Notes: 1.
2.
3.
“L” and “T” type are non-compliant reflow soldering.
Low profile type is available (inrush type only).
The suffix “W” on the part number is only displayed on the inner and outer packaging.
It is not displayed on the relay.


Similar Part No. - ADW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADW-4200A ETC-ADW-4200A Datasheet
87Kb / 6P
ADSL Wireless VPN / Firewall Router
ADW-4200B ETC-ADW-4200B Datasheet
87Kb / 6P
ADSL Wireless VPN / Firewall Router
logo
Dorji Industrial Group ...
ADW1016 DORJI-ADW1016 Datasheet
198Kb / 12P
Source Codes for DRA818U/DRA818V
logo
Analog Devices
ADW22035Z AD-ADW22035Z Datasheet
618Kb / 16P
Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
ADW22035Z-RL AD-ADW22035Z-RL Datasheet
618Kb / 16P
Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
More results

Similar Description - ADW

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Panasonic Semiconductor
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com