Electronic Components Datasheet Search
  English  ▼

X  

DP83849IDVS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # DP83849IDVS/NOPB
Description  DP83849ID PHYTER DUAL Industrial Temperature with Fiber Support (FX), Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IDVS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DP83849IDVS/NOPB Datasheet HTML 17Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 18Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 19Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 20Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 21Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 22Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 23Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 24Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
www.national.com
20
2.5 LED Interface
The DP83849ID supports three configurable Light Emitting
Diode (LED) pins for each port.
Several functions can be multiplexed onto the three LEDs
using three different modes of operation. The LED opera-
tion mode can be selected by writing to the LED_CFG[1:0]
register bits in the PHY Control Register (PHYCR) at
address 19h, bits [6:5]. In addition, LED_CFG[0] for each
port can be set by a strap option on the CRS_A and
CRS_B pins. LED_CFG[1] is only controllable through reg-
ister access and cannot be set by as strap pin.
See Table 3 for LED Mode selection.
The LED_LINK pin in Mode 1 indicates the link status of
the port. In 100BASE-T mode, link is established as a
result of input receive amplitude compliant with the TP-
PMD specifications which will result in internal generation
of signal detect. A 10 Mb/s Link is established as a result of
the reception of at least seven consecutive normal Link
Pulses or the reception of a valid 10BASE-T packet. This
will cause the assertion of LED_LINK. LED_LINK will deas-
sert in accordance with the Link Loss Timer as specified in
the IEEE 802.3 specification.
The LED_LINK pin in Mode 1 will be OFF when no LINK is
present.
The LED_LINK pin in Mode 2 and Mode 3 will be ON to
indicate Link is good and BLINK to indicate activity is
present on activity. The BLINK frequency is defined in
BLINK_FREQ, bits [7:6] of register LEDCR (18h).
Activity is defined as configured in LEDACT_RX, bit 8 of
register LEDCR (18h). If LEDACT_RX is 0, Activity is sig-
naled for either transmit or receive. If LEDACT_RX is 1,
Activity is only signaled for receive.
The LED_SPEED pin indicates 10 or 100 Mb/s data rate of
the port. The LED is ON when operating in 100Mb/s mode
and OFF when operating in 10Mb/s mode. The functional-
ity of this LED is independent of mode selected.
The LED_ACT/LED_COL pin in Mode 1 indicates the pres-
ence of either transmit or receive activity. The LED will be
ON for Activity and OFF for No Activity. In Mode 2, this pin
indicates the Collision status of the port. The LED will be
ON for Collision and OFF for No Collision.
The LED_ACT/LED_COL pin in Mode 3 indicates Duplex
status for 10 Mb/s or 100 Mb/s operation. The LED will be
ON for Full Duplex and OFF for Half Duplex.
In 10 Mb/s half duplex mode, the collision LED is based on
the COL signal.
Since these LED pins are also used as strap options, the
polarity of the LED is dependent on whether the pin is
pulled up or down.
2.5.1 LEDs
Since the Auto-Negotiation (AN) strap options share the
LED output pins, the external components required for
strapping and LED usage must be considered in order to
avoid contention.
Specifically, when the LED outputs are used to drive LEDs
directly, the active state of each output driver is dependent
on the logic level sampled by the corresponding AN input
upon power-up/reset. For example, if a given AN input is
resistively pulled low then the corresponding output will be
configured as an active high driver. Conversely, if a given
AN input is resistively pulled high, then the corresponding
output will be configured as an active low driver.
Refer to Figure 3 for an example of AN connections to
external components at port A. In this example, the AN
strapping results in Auto-Negotiation disabled with 100
Full-Duplex forced.
The adaptive nature of the LED outputs helps to simplify
potential implementation issues of these dual purpose pins.
Table 3. LED Mode Select
Mode
LED_CFG[1]
LED_CFG[0]
LED_LINK
LED_SPEED
LED_ACT/LED_COL
1
don’t care
1
ON for Good Link
OFF for No Link
ON in 100 Mb/s
OFF in 10 Mb/s
ON for Activity
OFF for No Activity
2
0
0
ON for Good Link
BLINK for Activity
ON in 100 Mb/s
OFF in 10 Mb/s
ON for Collision
OFF for No Collision
3
1
0
ON for Good Link
BLINK for Activity
ON in 100 Mb/s
OFF in 10 Mb/s
ON for Full Duplex
OFF for Half Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com