Electronic Components Datasheet Search
  English  ▼

X  

DP83849IDVS/NOPB Datasheet(PDF) 60 Page - Texas Instruments

Part # DP83849IDVS/NOPB
Description  DP83849ID PHYTER DUAL Industrial Temperature with Fiber Support (FX), Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IDVS/NOPB Datasheet(HTML) 60 Page - Texas Instruments

Back Button DP83849IDVS/NOPB Datasheet HTML 56Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 57Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 58Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 59Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 60Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849IDVS/NOPB Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 105 page
background image
59
www.national.com
6
REMOTE FAULT
0, RO
Remote Fault:
1 = Remote Fault condition detected (cleared on read of BMSR (ad-
dress 01h) register or by reset). Fault criteria: notification from Link
Partner of Remote Fault via Auto-Negotiation.
0 = No remote fault condition detected.
5
JABBER DETECT
0, RO
Jabber Detect: This bit only has meaning in 10 Mb/s mode
This bit is a duplicate of the Jabber Detect bit in the BMSR register,
except that it is not cleared upon a read of the PHYSTS register.
1 = Jabber condition detected.
0 = No Jabber.
4
AUTO-NEG COM-
PLETE
0, RO
Auto-Negotiation Complete:
1 = Auto-Negotiation complete.
0 = Auto-Negotiation not complete.
3
LOOPBACK STA-
TUS
0, RO
Loopback:
1 = Loopback enabled.
0 = Normal operation.
2
DUPLEX STATUS
0, RO
Duplex:
This bit indicates duplex status and is determined from Auto-Nego-
tiation or Forced Modes.
1 = Full duplex mode.
0 = Half duplex mode.
Note: This bit is only valid if Auto-Negotiation is enabled and com-
plete and there is a valid link or if Auto-Negotiation is disabled and
there is a valid link.
1
SPEED STATUS
0, RO
Speed10:
This bit indicates the status of the speed and is determined from
Auto-Negotiation or Forced Modes.
1 = 10 Mb/s mode.
0 = 100 Mb/s mode.
Note: This bit is only valid if Auto-Negotiation is enabled and com-
plete and there is a valid link or if Auto-Negotiation is disabled and
there is a valid link.
0
LINK STATUS
0, RO
Link Status:
This bit is a duplicate of the Link Status bit in the BMSR register,
except that it will not be cleared upon a read of the PHYSTS regis-
ter.
1 = Valid link established (for either 10 or 100 Mb/s operation)
0 = Link not established.
Table 29. PHY Status Register (PHYSTS), address 10h
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com