Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DRGE Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8300DRGE
Description  DRV8300: 100-V Three-Phase BLDC Gate Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8300DRGE Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8300DRGE Datasheet HTML 17Page - Texas Instruments DRV8300DRGE Datasheet HTML 18Page - Texas Instruments DRV8300DRGE Datasheet HTML 19Page - Texas Instruments DRV8300DRGE Datasheet HTML 20Page - Texas Instruments DRV8300DRGE Datasheet HTML 21Page - Texas Instruments DRV8300DRGE Datasheet HTML 22Page - Texas Instruments DRV8300DRGE Datasheet HTML 23Page - Texas Instruments DRV8300DRGE Datasheet HTML 24Page - Texas Instruments DRV8300DRGE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
10 Power Supply Recommendations
The DRV8300 is designed to operate from an input voltage supply (GVDD) range from 4.8 V to 20 V. A local
bypass capacitor should be placed between the GVDD and GND pins. This capacitor should be located as close
to the device as possible. A low ESR, ceramic surface mount capacitor is recommended. It is recommended
to use two capacitors across GVDD and GND: a low capacitance ceramic surface-mount capacitor for high
frequency filtering placed very close to GVDD and GND pin, and another high capacitance value surfacemount
capacitor for device bias requirements. In a similar manner, the current pulses delivered by the GHx pins are
sourced from the BSTx pins. Therefore, capacitor across the BSTx to SHx is recommended, it should be high
enough capacitance value capacitor to deliver GHx pulses
www.ti.com
DRV8300
SLVSFG5D – SEPTEMBER 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com